Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 26Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 27Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 28Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 29Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 30Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 31Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 32Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 33Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
30
适用型号:  STC12C5410AD 系列
Symbol 符号 Function 功能
WDT_FLAG    When WDT overflows, this bit is set. It can be cleared by software.
          看门狗溢出标志位,当溢出时,该位由硬件置 1,可用软件将其清 0。
EN_WDT
Enable WDT bit. When set, WDT is started
看门狗允许位,  当设置为“1”时,看门狗启动。
CLR_WDT
WDT clear bit. When set, WDT will recount. Hardware will automatically clear
            this bit.
看门狗清“0”位,当设为“1”时,看门狗将重新计数。硬件将自动清“0”此位。
IDLE_WDT
When set, WDT is enabled in IDLE mode. When clear, WDT is disabled in IDLE mode
看门狗“IDLE”模式位,当设置为“1”时,看门狗定时器在“空闲模式”计数
                               当清“0”该位时,  看门狗定时器在“空闲模式”时不计数
PS2, PS1, PS0 Pre-scale value of Watchdog timer is shown as the bellowed table:
            看门狗定时器预分频值,如下表所示
Mnemonic
Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
WDT_CONTR E1h
Watch-Dog-Timer
Control register
 WDT_FLAG
 -
EN_WDT CLR_WDT IDLE_WDT PS2 PS1 PS0 xx00,0000
PS2
PS1
PS0
Pre-scale
预分频
WDT Period @20MHz
 0
 0
 0
    2
       39.3 mS
 0
 0
 1
    4
       78.6 mS
 0
 1
 0
    8
     157.3 mS
 0
 1
 1
    16
     314.6 mS
 1
 0
 0
    32
     629.1 mS
 1
 0
 1
    64
        1.25S
 1
 1
 0
    128
        2.5S
 1
 1
 1
    256
        5S
PS2
PS1
PS0
Pre-scale
预分频
WDT Period @12MHz
 0
 0
 0
    2
       65.5 mS
 0
 0
 1
    4
     131.0 mS
 0
 1
 0
    8
     262.1 mS
 0
 1
 1
    16
     524.2 mS
 1
 0
 0
    32
      1.0485S
 1
 0
 1
    64
      2.0971S
 1
 1
 0
    128
      4.1943S
 1
 1
 1
    256
      8.3886S
               看门狗应用及测试程序
The WDT period is determined by the following equation 看门狗溢出时间计算
看门狗溢出时间 =( N x Pre-scale x 32768) / Oscillator frequency
设时钟为 12MHz :
看门狗溢出时间 =  ( 12 x Pre-scale x 32768) / 12000000 = Pre-scale x 393216 / 12000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com