Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 53Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 54Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 55Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 56Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 57Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 58Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 59Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 60Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
57
;------------------------------------------------------------------------------
;入口参数: A = 要发送的字节
Send_One_Byte:                      ;发送一个字节
    CLR   ES
    CLR   TI                        ;清零串口发送中断标志
    MOV   SBUF, A
Wait_Send_Finish:
    JNB   TI, Wait_Send_Finish      ;等待发送完毕
    CLR   TI                        ;清零串口发送中断标志
    SETB  ES
    RET
;------------------------------------------------------------------------------
    END
;------------------------------------------------------------------------------
;计算自动重装数 RELOAD (SMOD = 0, SMOD 是 PCON 特殊功能寄存器的最高位):
;  1. 计算 RELOAD (以下是 SMOD = 0 时的计算公式)
;
;     a) 12T 模式的计算公式: RELOAD = 256 - INT(Fosc/Baud0/32/12 + 0.5)
;     b)  1T 模式的计算公式: RELOAD = 256 - INT(Fosc/Baud0/32 + 0.5)
;
;     式中: INT() 表示取整运算即舍去小数, 在式中加 0.5 可以达到四舍五入的目的
;           Fosc = 晶振频率
;           Baud0 = 标准波特率
;
;  2. 计算用 RELOAD 产生的波特率:
;       a)   Baud = Fosc/(256 - RELOAD)/32/12       12T 模式
;       b)   Baud = Fosc/(256 - RELOAD)/32           1T 模式
;
;  3. 计算误差
;          error = (Baud - Baud0)/Baud0 * 100%
;  4. 如果误差绝对值 > 4.5% 要更换波特率或者更换晶体频率,  重复步骤 1-4
;
;
;例: Fosc = 22.1184MHz, Baud0 = 57600 (12T 模式)
; 1. RELOAD = 256 - INT( 22118400/57600/32/12 + 0.5)
;           = 256 - INT( 1.5 )
;           = 256 - 1
;           = 255
;           = 0FFH
; 2. Baud = 22118400/(256-255)/32/12
;         = 57600
; 3. 误差等于零



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com