Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 12Page - Analog Devices ADE7912 Datasheet HTML 13Page - Analog Devices ADE7912 Datasheet HTML 14Page - Analog Devices ADE7912 Datasheet HTML 15Page - Analog Devices ADE7912 Datasheet HTML 16Page - Analog Devices ADE7912 Datasheet HTML 17Page - Analog Devices ADE7912 Datasheet HTML 18Page - Analog Devices ADE7912 Datasheet HTML 19Page - Analog Devices ADE7912 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 16 of 41
TERMINOLOGY
Pseudo Differential Signal Voltage Range Between IP and
IM, V1P and VM, and V2P and VM Pins
The range represents the peak-to-peak pseudo differential
voltage that must be applied to the ADCs to generate a full-scale
response when the IM and VM pins are connected to GNDISO,
Pin 2. The IM and VM pins are connected to GNDISO using
antialiasing filters (see Figure 20). Figure 21 illustrates the input
voltage range between IP and IM; Figure 22 illustrates the input
voltage range between V1P and VM and between V2P and VM.
IP
IM
IP – IM
0V
0V
0V
+31.25mV
–31.25mV
+31.25mV
–31.25mV
Figure 21. Pseudo Differential Input Voltage Range Between IP and IM Pins
+500mV
–500mV
+500mV
–500mV
V1P, V2P
V1P – VM,
V2P – VM
VM
0V
0V
0V
Figure 22. Pseudo Differential Input Voltage Range Between V1P and VM
Pins and Between V2P and VM Pins
Maximum VM and IM Voltage Range
The range represents the maximum allowed voltage at VM and
IM pins relative to GNDISO, Pin 10.
Crosstalk
Crosstalk represents leakage of signals, usually via capacitance
between circuits. Crosstalk is measured in the current channel
by setting the IP and IM pins to GNDISO, Pin 10, supplying a
full-scale alternate differential voltage between the V1P and VM
pins and between the V2P and VM pins of the voltage channel,
and measuring the output of the current channel. It is measured
in the V1P voltage channel by setting the V1P and VM pins to
GNDISO, Pin 10, supplying a full-scale alternate differential voltage
at the IP and V2P pin, and measuring the output of the V1P
channel. Crosstalk is measured in the V2P voltage channel by
setting the V2P and VM pins to GNDISO, Pin 10, supplying a full-
scale alternate differential voltage at the IP and V1P pins, and
measuring the output of the V2P channel. The crosstalk is equal
to the ratio between the grounded ADC output value and the
ADC full-scale output value. The ADC outputs are acquired for
2 sec. Crosstalk is expressed in decibels.
Input Impedance to Ground (DC)
The input impedance to ground represents the impedance
measured at each ADC input pin (IP, IM, V1P, V2P, and VM)
with respect to GNDISO, Pin 10.
ADC Offset Error
ADC offset error is the difference between the average
measured ADC output code with both inputs connected to
GNDISO and the ideal ADC output code. The magnitude of
the offset depends on the input range of each channel.
ADC Offset Drift over Temperature
The ADC offset drift is the change in offset over temperature.
It is measured at −40°C, +25°C, and +85°C. The offset drift over
temperature is computed as follows:
(
)
( )
( ) (
)
( )
( )
( ) (
)
×
×
=
25
85
25
25
85
,
25
40
25
25
40
max
Offset
Offset
Offset
Offset
Offset
Offset
Drift
Offset drift is expressed in ppm/°C.
Gain Error
The gain error in the ADCs represents the difference between the
measured ADC output code (minus the offset) and the ideal
output code when the internal voltage reference is used (see
the Analog-to-Digital Conversion section). The difference is
expressed as a percentage of the ideal code. It represents the
overall gain error of one current or voltage channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com