Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 23Page - Analog Devices ADE7912 Datasheet HTML 24Page - Analog Devices ADE7912 Datasheet HTML 25Page - Analog Devices ADE7912 Datasheet HTML 26Page - Analog Devices ADE7912 Datasheet HTML 27Page - Analog Devices ADE7912 Datasheet HTML 28Page - Analog Devices ADE7912 Datasheet HTML 29Page - Analog Devices ADE7912 Datasheet HTML 30Page - Analog Devices ADE7912 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 27 of 41
SPI Read Operation
The read operation using the ADE7912/ADE7913 SPI interface
is initiated when the master sets the CS pin low and begins sending
one command byte on the MOSI line. The master places data on
the MOSI line starting with the first high to low transition of SCLK.
The bit composition of the command byte is shown in Table 11.
Bits[1:0] are don’t care bits, and they can have any value. The
examples presented throughout this section show them set to 00.
Bit 2 (READ_EN) determines the type of the operation. For a
read, READ_EN must be set to 1. For a write, READ_EN must
be cleared to 0. Bits[7:3] (ADDR) represent the address of the
register to be read or written.
The ADE7912/ADE7913 SPI samples data on the low to high
transitions of SCLK. After the ADE7912/ADE7913 device receives
the last bit of the command byte on a low to high transition of
SCLK, it begins to transmit the contents on the MISO line when
the next SCLK high to low transition occurs; thus, the master
can sample the data on a low to high SCLK transition. After the
master receives the last bit, it sets the CS and SCLK lines high
and the communication ends. The data lines, MOSI and MISO,
go into a high impedance state. Figure 40 shows an 8-bit register
read operation; 16-bit and 32-bit registers are read in the same
manner.
Table 11. Command Byte for SPI Read/Write Operations
Bit Location
Bit Name
Description
1:0
Reserved
These bits can have any value.
2
READ_EN
Set this bit to 1 if an SPI read
operation is executed.
Clear this bit to 0 if an SPI write
operation is executed.
7:3
ADDR
Address of the register to be read
or written.
SPI Read Operation in Burst Mode
All ADE7912/ADE7913 output registers (IWV, V1WV, V2WV,
ADC_CRC, STATUS0, and CNT_SNAPSHOT) can be read in
one of two ways: one register at a time (see the SPI Read Operation
section) or together in burst mode. Burst mode is initiated when
the master sets the CS pin low and begins sending the command
byte (see Table 11) on the MOSI line with Bits[7:3] (ADDR) set
to the IWV register address, 00000. This means a command byte
set to 0x04. The master places data on the MOSI line starting
with the first high to low transition of SCLK. The SPI of the
ADE7912/ADE7913 samples data on the low to high transitions
of SCLK. After the ADE7912/ADE7913 device receives the last
bit of the command byte on a low to high transition of SCLK, it
begins to transmit the 24-bit IWV register on the MISO line
when the next SCLK high to low transition occurs; thus, the
master can sample the data on a low to high SCLK transition.
After the master receives the last bit of the IWV register, the
ADE7912/ADE7913 device sends V1WV, followed by V2WV,
ADC_CRC, STATUS0, and CNT_SNAPSHOT.
The master may set the CS and SCLK lines high at any time to
end the communication. The data lines, MOSI and MISO, go
into a high impedance state. See Figure 41 for details of the SPI
read operation in burst mode.
If a register does not need to be read, for example, the 16-bit
CNT_SNAPSHOT register, the master sets the CS and SCLK
lines high after the STATUS0 register is received.
If the IWV register, for example, is not required, but V1WV
is, set the ADDR bits to the V1WV address, 00001, in the
command byte, and execute the burst mode operation.
SPI Write Operation
The SPI write operation initiates when the master sets the CS
pin low and begins sending one command byte (see Table 11).
Bit 2 (READ_EN) must be cleared to 0. The master places data
on the MOSI line starting with the first high to low transition of
SCLK. The SPI of the ADE7912/ADE7913 samples data on the
low to high transitions of SCLK. Next, the master sends the
8-bit value of the register without losing any SCLK cycles. After
the last bit transmits, at the end of the SCLK cycle, the master
sets the CS and SCLK lines high and the communication ends.
The data lines, MOSI and MISO, go into a high impedance
state. See Figure 42 for details of the SPI write operation.
Note that the SPI write operation can execute 8-bit writes only.
The 16-bit synchronization counter register (composed of
COUNTER0 and COUNTER1) is written by executing the
write operation twice: the less significant byte is written first,
followed by the most significant byte. See the Synchronizing
Multiple ADE7912/ADE7913 Devices section for details on the
functionality controlled by the synchronization counter register.
Because the ADE7912/ADE7913 do not need to acknowledge a
write command in any way, this operation can be broadcast to
multiple ADE7912/ADE7913 devices when the same register
must be initialized with the same value.
After executing a write operation, it is recommended to read
back the register to ensure that it was initialized correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com