Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 19Page - Analog Devices ADE7912 Datasheet HTML 20Page - Analog Devices ADE7912 Datasheet HTML 21Page - Analog Devices ADE7912 Datasheet HTML 22Page - Analog Devices ADE7912 Datasheet HTML 23Page - Analog Devices ADE7912 Datasheet HTML 24Page - Analog Devices ADE7912 Datasheet HTML 25Page - Analog Devices ADE7912 Datasheet HTML 26Page - Analog Devices ADE7912 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 23 of 41
APPLICATIONS INFORMATION
ADE7912/ADE7913 IN POLYPHASE ENERGY
METERS
The ADE7912/ADE7913 are designed for use in 3-phase
energy metering systems in which two, three, or four
ADE7912/ADE7913 devices are managed by a master device
containing an SPI interface, usually a microcontroller.
NEUTRAL PHASE A
PHASE A
ADE7912/
ADE7913
IP
IM
GNDISO
V1P
VM
IA
VAN
Figure 32. Phase A ADE7912/ADE7913 Current and Voltage Sensing
Figure 32 shows the Phase A of a 3-phase energy meter. The
Phase A current, IA, is sensed with a shunt. A pole of the shunt
is connected to the IM pin of the ADE7912/ADE7913 and becomes
the ground, GNDISO (Pin 10), of the isolated side of the ADE7912/
ADE7913. The Phase A to neutral voltage, VAN, is sensed with a
resistor divider, and the VM pin is also connected to the IM and
GNDISO pins. Note that the voltages measured by the ADCs of
the ADE7912/ADE7913 are opposite to VAN and IA, a classic
approach in single-phase metering. The other ADE7912/
ADE7913 devices that monitor Phase B and Phase C are
connected in a similar way.
The V2P voltage channel is intended to measure an auxiliary
voltage, and it is available only on the ADE7913. If V2P is not
used, as is the case of the ADE7912, connect V2P to VM.
NEUTRAL
EARTH
NEUTRAL LINE
ADE7912/
ADE7913
IP
IM
V1P
VM
GNDISO
IN
VN
Figure 33. Neutral Line and Neutral to Earth Voltage Monitoring
with the ADE7912/ADE7913
Figure 33 shows how the ADE7912/ADE7913 inputs are connected
when the neutral line of a 3-phase system is monitored. The
neutral current is sensed using a shunt and the voltage across
the shunt is measured at the fully differential inputs, IP and IM.
The earth to neutral voltage is sensed with a voltage divider at
the single-ended inputs, V1P and VM.
Figure 34 shows a block diagram of a 3-phase energy meter that
uses three ADE7912/ADE7913 devices and a microcontroller.
The neutral current is not monitored in this example. One
4.096 MHz crystal provides the clock to the ADE7912/ADE7913
that senses the Phase A current and voltage. The ADE7912/
ADE7913 devices that sense the Phase B and Phase C currents
and voltages are clocked by a signal generated at the CLKOUT/
DREADY pin of the ADE7912/ADE7913 that is placed to sense
the Phase A current and voltage. As an alternative configuration,
the microcontroller can generate a 4.096 MHz clock to all
ADE7912/ADE7913 devices at the XTAL1 pin (see Figure 35).
Note that the XTAL1 pin can receive a clock with a frequency
within the 3.6 MHz to 4.21 MHz range, as specified in Table 1.
The microcontroller uses the SPI port to communicate with the
ADE7912/ADE7913 devices. Three of the I/O pins, CS_A,
CS_B, and CS_C, generate the SPI CS signals. The SCLK,
MOSI, and MISO pins of the microcontroller are directly
connected to the corresponding SCLK, MOSI, and MISO pins
of each ADE7912/ADE7913 device (see Figure 38). To simplify
Figure 34 to Figure 37, these connections are not shown.
CS_A
CS_B
CS_C
SCLK
MOSI
MISO
I/O
MICROCONTROLLER
ISOLATION
BARRIER
PHASE A
ADE7912/ADE7913
PHASE B
ADE7912/ADE7913
PHASE C
ADE7912/ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
LOAD
4.096MHz
CRYSTAL
CLKOUT/
DREADY
CLKOUT/
DREADY
CLKOUT/
DREADY
Figure 34. 3-Phase Energy Meter Using Three ADE7912/ADE7913 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com