Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7912 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 14Page - Analog Devices ADE7912 Datasheet HTML 15Page - Analog Devices ADE7912 Datasheet HTML 16Page - Analog Devices ADE7912 Datasheet HTML 17Page - Analog Devices ADE7912 Datasheet HTML 18Page - Analog Devices ADE7912 Datasheet HTML 19Page - Analog Devices ADE7912 Datasheet HTML 20Page - Analog Devices ADE7912 Datasheet HTML 21Page - Analog Devices ADE7912 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 18 of 41
THEORY OF OPERATION
ANALOG INPUTS
The ADE7913 has three analog inputs: one current channel
and two voltage channels. The ADE7912 does not include the
second voltage channel. The current channel has two fully
differential voltage input pins, IP and IM, that accept a maxi-
mum differential signal of ±31.25 mV.
The maximum VIP signal level is also ±31.25 mV. The maxi-
mum VIM signal level allowed at the IM input is ±25 mV.
Figure 23 shows a schematic of the input for the current channel
and the relation to the maximum IM pin voltage.
IP
IM
VIM
VIP
+31.25mV
0V
VIP
VIP = ±31.25mV MAX PEAK
VIM = ±25mV MAX
–31.25mV
Figure 23. Maximum Input Level, Current Channel
Note that the current channel senses the voltage across a shunt.
In this case, one pole of the shunt becomes the ground of the
meter (see Figure 32) and, therefore, the current channel is used
in a pseudo differential configuration, similar to the voltage
channel configuration (see Figure 24).
The voltage channel has two pseudo differential, single-ended
voltage input pins: V1P and V2P. These single-ended voltage
inputs have a maximum input voltage of ±500 mV with respect
to VM. The maximum signal allowed at the VM input is
±25 mV. Figure 24 shows a schematic of the voltage channel
inputs and their relation to the maximum VM voltage.
V1P OR
V2P
VM
VM
V1
+500mV
0V
V1
V1 = ±500mV MAX PEAK
VM = ±25mV MAX
–500mV
Figure 24. Maximum Input Level, Voltage Channels
ANALOG-TO-DIGITAL CONVERSION
The ADE7912/ADE7913 have three second-order Σ-Δ ADCs.
For simplicity, the block diagram in Figure 25 shows a first-order
Σ-Δ ADC. The converter is composed of the Σ-Δ modulator and
the digital low-pass filter, separated by the digital isolation block.
24
DIGITAL
LOW-PASS
FILTER
R
C
+
CLKIN/16
INTEGRATOR
VREF
1-BIT DAC
LATCHED
COMPARATOR
ANALOG
LOW-PASS
FILTER
.....10100101.....
+
DIGITAL
ISOLATION
ISOLATION
BARRIER
Figure 25. First-Order Σ-Δ ADC
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7912/ADE7913, the sampling clock is equal to
CLKIN/4 (1.024 MHz when CLKIN = 4.096 MHz). The 1-bit
DAC in the feedback loop is driven by the serial stream. The
DAC output is subtracted from the input signal. If the loop gain
is high enough, the average value of the DAC output (and,
therefore, the bit stream) can approach that of the input signal
level. For any given input value in a single sampling interval, the
data from the 1-bit ADC is virtually meaningless. A meaningful
result is obtained only when a large number of samples is
averaged. This averaging is completed in the second part of the
ADC, the digital low-pass filter, after the data passes through
the digital isolators. By averaging a large number of bits from
the modulator, the low-pass filter can produce 24-bit data-words
that are proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolu-
tion from what is essentially a 1-bit conversion technique. The
first technique is oversampling. Oversampling means that the
signal is sampled at a rate (frequency) that is many times higher
than the bandwidth of interest. For example, when CLKIN =
4.096 MHz, the sampling rate in the ADE7912/ADE7913 is
1.024 MHz, and the bandwidth of interest is 40 Hz to 3.3 kHz.
Oversampling has the effect of spreading the quantization noise
(noise due to sampling) over a wider bandwidth. With the noise
spread more thinly over a wider bandwidth, the quantization
noise in the bandwidth of interest is lowered, as shown in
Figure 26.
However, oversampling alone is not sufficient to improve the
signal-to-noise ratio (SNR) in the band of interest. For example,
an oversampling factor of 4 is required to increase the SNR
by a mere 6 dB (1 bit). To keep the oversampling ratio at a
reasonable level, it is possible to shape the quantization noise
so that the majority of the noise lies at the higher frequencies.
Noise shaping is the second technique that achieves high
resolution. In the Σ-Δ modulator, the noise is shaped by the
integrator, which has a high-pass type response for the
quantization noise. The result is that most of the noise is at
the higher frequencies where it can be removed by the digital
low-pass filter. This noise shaping is shown in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com