Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9430 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE9430
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9430 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE9430 Datasheet HTML 26Page - Analog Devices ADE9430 Datasheet HTML 27Page - Analog Devices ADE9430 Datasheet HTML 28Page - Analog Devices ADE9430 Datasheet HTML 29Page - Analog Devices ADE9430 Datasheet HTML 30Page - Analog Devices ADE9430 Datasheet HTML 31Page - Analog Devices ADE9430 Datasheet HTML 32Page - Analog Devices ADE9430 Datasheet HTML 33Page - Analog Devices ADE9430 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Data Sheet
ADE9430
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 35
Figure 50. Current Channel Signal Chain Preceding Zero-Crossing Detection
CF3/ZX
The CF3/ZX pin can output zero crossings using the CF3_CFG bit
in the CONFIG1 register. To configure the source for zero crossing,
use the ZX_SEL bits in ZX_LP_SEL register. The CF3/ZX output
pin goes from low to high when a negative to positive transition is
detected and from high to low when a positive to negative transition
occurs.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Zero-Crossing Timeout
If a zero crossing is not received after (ZXTOUT + 1)/8000 sec,
the corresponding ZXTOx bit in the STATUS1 register is set and
generates an interrupt on the IRQ1 pin.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Line Period Calculation
The ADE9430 calculates the line period for the Phase A, Phase B,
and Phase C voltages and the combined voltage signal, and the
results are available in the APERIOD, BPERIOD, CPERIOD, and
COM_PERIOD registers, respectively.
Calculate the line period, tL, from the xPERIOD register, according
to the following equation:
tL = xPERIOD+1
8000×216
(sec)
(11)
If the calculated period value is outside the 40 Hz to 70 Hz range,
or if zero crossings for that phase are not detected, the xPERIOD
register is coerced to correspond to 50 Hz or 60 Hz, depending on
SELFREQ bit in the ACCMODE register.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 51. Line Period Selection for Resampling
Angle Measurement
The ADE9430 provides nine angle measurements. ANGL_IA_IB,
ANGL_IB_IC, and ANGL_IA_IC provide phase angle between cur-
rents. ANGL_VA_VB, ANGL_VB_VC, and ANGL_VA_VC provide
phase angle between voltages. ANGL_VA_IA, ANGL_VB_IB, and
ANGL_VC_IC provide phase angle between voltage and currents.
To convert angle register reading to degrees, use the following
equations.
For a 50 Hz system,
Angle (Degrees) = ANGL_x_y × 0.017578125
For a 60 Hz system,
Angle (Degrees) = ANGL_x_y × 0.02109375
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Phase Sequence Error Detection
The ADE9430 monitors phase sequences and sets the SEQERR
bit in the STATUS1 register if a sequence error occurs or a phase
drops below ZXTHRSH. SEQ_CYC determines the number of
cycles to monitor to generate the sequence error. To generate an
interrupt on IRQ1, set the SEQERR bit in the MASK1 register.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
One-Cycle RMS Measurement
One-cycle rms is an rms measurement performed over one line
cycle, updated every period not synchronized to zero crossings.
This measurement is provided for voltage and current on all phases
plus the neutral current. All the one cycle rms measurements are
performed over the same time interval and update at the same
time, as indicated by the RMSONERDY bit in the STATUS0 regis-
ter. The results are stored in the AIRMSONE, BIRMSONE, CIRM-
SONE, NIRMSONE, AVRMSONE, BVRMSONE, and CVRMSONE
registers. The xRMSONE register reading with full-scale inputs is
52,702,092d.
It is recommended to select the data before the high-pass filter for
the one cycle measurement by setting the RMS_SRC_SEL bit in
the CONFIG0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com