Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9430 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE9430
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9430 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE9430 Datasheet HTML 25Page - Analog Devices ADE9430 Datasheet HTML 26Page - Analog Devices ADE9430 Datasheet HTML 27Page - Analog Devices ADE9430 Datasheet HTML 28Page - Analog Devices ADE9430 Datasheet HTML 29Page - Analog Devices ADE9430 Datasheet HTML 30Page - Analog Devices ADE9430 Datasheet HTML 31Page - Analog Devices ADE9430 Datasheet HTML 32Page - Analog Devices ADE9430 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
ADE9430
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 35
Energy and Phase Selection
The CFxSEL bits in the CFMODE register select which type of
energy to output on the CFx pins. The TERMSELx bits in the
COMPMODE register select which phase energies to include in the
CFx output.
For example, with CF1SEL = 000 and TERMSEL1 = 111, CF1
indicates the total active power output of Phase A, Phase B, and
Phase C.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Configuring the CFx Pulse Width
The value of the CFx_LT and the CF_LTMR bits in the CF_LCFG
register determines the pulse width.
The maximum CFx with threshold (xTHR) = 0x00100000 and
CFxDEN = 2 is 78.9 kHz. It is recommended to have xTHR =
0x00100000.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
CFx Pulse Sign
The SUMxSIGN bits in the PHSIGN register indicate whether the
sum of the energy that went into the last CFx pulse is positive or
negative. The REVPSUMx bits in the STATUS0 register and the
EVENT_STATUS register indicate if the CFx polarity changed sign.
This feature generates an interrupt on IRQ0.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Clearing the CFx Accumulator
To clear the accumulation in the digital to frequency converter and
CFDEN counter, write 1 to the CF_ACC_CLR bit in the CONFIG1
register. The CF_ACC_CLR bit automatically clears itself. See the
ADE9430 Technical Reference Manual for additional information.
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
The ADE9430 offers zero-crossing detection on the VA, VB, VC,
IA, IB, and IC input signals. The neutral current channel, IN, does
not contain a zero-crossing detection circuit. Figure 49 and Figure
50 show the current and voltage channel datapaths preceding
zero-crossing detection.
Use the ZX_SRC_SEL bit in the CONFIG0 register to select data
before the high-pass filter or after phase compensation to configure
the inputs to zero-crossing detection. ZX_SRC_SEL is zero by
default after reset.
To provide protection from noise, voltage channel zero-crossing
events (ZXVA, ZXVB, and ZXVC) do not generate if the absolute
value of the LPF1 output voltage is smaller than the threshold,
ZXTHRSH. The current channel zero-crossing detection outputs
(ZXIA, ZXIB, and ZXIC) are active for all input signals levels.
Calculate the zero-crossing threshold, ZXTHRSH, from the follow-
ing equation:
ZXTHRSH =
V_PCFatFullScale × LPF1Attenuation
x×32×28
(10)
where:
V_PCF at Full Scale is ±74,532,013 decimal.
LPF1 Attenuation is 0.86 at 50 Hz and 0.81 at 60 Hz.
x is the dynamic range below which the voltage channel zero-cross-
ing must be blocked.
The ADE9430 can calculate the combined zero crossings for all
three phases as (VA + VB − VC)/2 by configuring the ZX_SEL bits
in the ZX_LP_SEL register. If VCONSEL is not equal to 0, the VB
component in the combined zero-crossing circuit is set to zero.
The zero-crossing detection circuits have two different output rates:
8 kSPS and 1024 kSPS. The 8 kSPS zero-crossing signal calcu-
lates the line period, updates the ZXx bits in the STATUS1 register,
and monitors the zero-crossing timeout, phase sequence error de-
tection, resampling, and energy accumulation functions. The 1024
kSPS zero-crossing signal calculates the angle and updates the
zero-crossing output on the CF3/ZX pin.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 49. Voltage Channel Signal Chain Preceding Zero-Crossing Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com