Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9430 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE9430
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9430 Datasheet(HTML) 3 Page - Analog Devices

  ADE9430 Datasheet HTML 1Page - Analog Devices ADE9430 Datasheet HTML 2Page - Analog Devices ADE9430 Datasheet HTML 3Page - Analog Devices ADE9430 Datasheet HTML 4Page - Analog Devices ADE9430 Datasheet HTML 5Page - Analog Devices ADE9430 Datasheet HTML 6Page - Analog Devices ADE9430 Datasheet HTML 7Page - Analog Devices ADE9430 Datasheet HTML 8Page - Analog Devices ADE9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
ADE9430
GENERAL DESCRIPTION
analog.com
Rev. 0 | 3 of 35
The ADE9430 is a highly accurate, fully integrated, polyphase en-
ergy and power quality monitoring device. Superior analog perform-
ance and a digital signal processing (DSP) core enable accurate
energy monitoring over a wide dynamic range. An integrated high
end reference ensures low drift over temperature with a combined
drift of less than ±25 ppm/°C maximum for the entire channel
including a programmable gain amplifier (PGA) and an analog-to-
digital converter (ADC).
The ADE9430 offers a complete power quality monitoring capability
by providing instantaneous total as well as fundamental measure-
ments on rms, frequency, phase angle, power factor active, reac-
tive, and apparent powers and energies. Using the optional ADSW-
PQ-CLS Power Quality Library, advanced power quality features,
such as dip and swell monitoring, power frequency, voltage total
harmonic distortion (VTHD), and current total harmonic distortion
(ITHD), are enabled. The one cycle rms, 10 cycle rms/12 cycle rms,
and the optional ADSW-PQ-CLS Power Quality Library features
are calculated according to IEC 61000-4-30 Class S. To request
access to the ADSW-PQ-CLS, fill out the software request form at:
Software Request Form | Analog Devices, where the target technol-
ogy must be power quality monitoring and the processor/system on
chip (SoC) is the ADE9430.
The ADE9430 offers a resampled waveform of 1024 points per
10 cycles or 12 cycles. Resampling simplifies the fast Fourier
transform (FFT) calculation of at least 40 harmonics in an external
processor.
The ADE9430 simplifies the implementation and certification of
energy and power quality monitoring systems by providing tight
integration of acquisition and calculation engines. The integrated
ADCs and DSP engine calculate various parameters and provide
data through user accessible registers or indicate events through
interrupt pins. With seven dedicated ADC channels, the ADE9430
can be used on a 3-phase system or up to three single-phase
systems. This device supports current transformers (CTs) or Ro-
gowski coils when used with external analog integrator for current
measurements.
The ADE9430 absorbs most of the complexity in calculations for
a power quality monitoring system. Combining a simple host micro-
controller and the optional ADSW-PQ-CLS Power Quality Library,
the ADE9430 enables the design of standalone monitoring or pro-
tection systems, or low cost nodes uploading data into the cloud.
Note that throughout this data sheet, multifunction pins, such as
CF4/EVENT/DREADY, are referred to either by the entire pin name
or by a single function of the pin, for example, EVENT, when only
that function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com