Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9430 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE9430
Description  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9430 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE9430 Datasheet HTML 3Page - Analog Devices ADE9430 Datasheet HTML 4Page - Analog Devices ADE9430 Datasheet HTML 5Page - Analog Devices ADE9430 Datasheet HTML 6Page - Analog Devices ADE9430 Datasheet HTML 7Page - Analog Devices ADE9430 Datasheet HTML 8Page - Analog Devices ADE9430 Datasheet HTML 9Page - Analog Devices ADE9430 Datasheet HTML 10Page - Analog Devices ADE9430 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
ADE9430
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 35
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR
Temperature Accuracy
±2
°C
−10°C to +40°C
±3
°C
−40°C to +85°C
Temperature Readout Step Size
0.3
°C
CRYSTAL OSCILLATOR
All specifications use CLKIN = 24.576 MHz ± 30 ppm
Input Clock Frequency
24.33
24.576
24.822
MHz
Internal Capacitance on CLKIN and CLKOUT
4
pF
Internal Feedback Resistance Between CLKIN and
CLKOUT
2.45
MΩ
Transconductance (gm)
5
8
mA/V
EXTERNAL CLOCK INPUT
Input Clock Frequency
24.330
24.576
24.822
MHz
±1%
Duty Cycle2
45:55
50:50
55:45
%
CLKIN Logic Input Voltage
3.3 V tolerant
High, VINH
1.2
V
VDD = 2.97 V to 3.63 V
Low, VINL
0.5
V
VDD = 2.97 V to 3.63 V
LOGIC INPUTS (PM0, PM1, RESET, MOSI, SCLK,
and SS)
Input Voltage
VINH
2.4
V
VINL
0.8
V
Input Current, IIN
15
µA
VIN = 0 V
Internal Capacitance, CIN
10
pF
LOGIC OUTPUTS
MISO, IRQ0, and IRQ1
Output Voltage
High, VOH
2.4
V
Source current (ISOURCE) = 4 mA
Low, VOL
0.8
V
Sink current (ISINK) = 4 mA
CIN
10
pF
CF1, CF2, CF3, and CF4
Output Voltage
VOH
2.4
V
ISOURCE = 7 mA
VOL
0.8
V
ISINK = 8 mA
CIN
10
pF
LOW DROPOUT (LDO) REGULATORS
Analog Supply Voltage (AVDD)
1.9
V
Digital Supply Voltage (DVDD)
1.7
V
POWER SUPPLY
VDD
2.97
3.3
3.63
V
Power-on reset (POR) level is 2.4 V to 2.6 V
Supply Current (IDD)
Power Save Mode 0 (PSM0)
15
17
mA
Normal mode
14.5
16.5
mA
Normal mode, six ADCs enabled
Power Save Mode 3 (PSM3)
90
300
nA
Idle, VDD = 3.3 V, AVDD = 0 V, DVDD = 0 V
1 Enables implementation of IEC 61000-4-30 Class S.
2 Tested during device characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com