Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3053 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 3 Page - Analog Devices

  ADM3053_V01 Datasheet HTML 1Page - Analog Devices ADM3053_V01 Datasheet HTML 2Page - Analog Devices ADM3053_V01 Datasheet HTML 3Page - Analog Devices ADM3053_V01 Datasheet HTML 4Page - Analog Devices ADM3053_V01 Datasheet HTML 5Page - Analog Devices ADM3053_V01 Datasheet HTML 6Page - Analog Devices ADM3053_V01 Datasheet HTML 7Page - Analog Devices ADM3053_V01 Datasheet HTML 8Page - Analog Devices ADM3053_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADM3053
Rev. E | Page 3 of 18
SPECIFICATIONS
All voltages are relative to their respective grounds; 4.5 V ≤ VCC ≤ 5.5 V; 3.0 V ≤ VIO ≤ 5.5 V. All minimum/maximum specifications apply
over the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VCC = 5 V, and VIO = 5 V
unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Logic Side
isoPower Current
Recessive State
ICC
29
36
mA
RL = 60 Ω, RS = low, see Figure 25
Dominant State
ICC
195
260
mA
RL = 60 Ω, RS = low, see Figure 25
TxD/RxD Data Rate 1 Mbps
ICC
139
200
mA
RL = 60 Ω, RS = low, see Figure 25
Logic Side
iCoupler Current
TxD/RxD Data Rate 1 Mbps
IIO
1.6
2.5
mA
DRIVER
Logic Inputs
Input Voltage High
VIH
0.7 VIO
V
Output recessive
Input Voltage Low
VIL
0.25 VIO
V
Output dominant
CMOS Logic Input Currents
IIH, IIL
500
µA
TxD
Differential Outputs
Recessive Bus Voltage
VCANL, VCANH
2.0
3.0
V
TxD = high, RL = ∞, see Figure 22
CANH Output Voltage
VCANH
2.75
4.5
V
TxD = low, see Figure 22
CANL Output Voltage
VCANL
0.5
2.0
V
TxD = low, see Figure 22
Differential Output Voltage
VOD
1.5
3.0
V
TxD = low, RL = 45 Ω, see Figure 22
VOD
−500
+50
mV
TxD = high, RL = ∞, see Figure 22
Short-Circuit Current, CANH
ISCCANH
−200
mA
VCANH = −5 V
−100
mA
VCANH = −36 V
Short-Circuit Current, CANL
ISCCANL
200
mA
VCANL = 36 V
RECEIVER
Differential Inputs
Differential Input Voltage Recessive
VIDR
−1.0
+0.5
V
−7 V < VCANL, VCANH < +12 V, see Figure 23,
CL = 15 pF
Differential Input Voltage Dominant
VIDD
0.9
5.0
V
−7 V < VCANL, VCANH < +12 V, see Figure 23,
CL = 15 pF
Input Voltage Hysteresis
VHYS
150
mV
See Figure 3
CANH, CANL Input Resistance
RIN
5
25
kΩ
Differential Input Resistance
RDIFF
20
100
kΩ
Logic Outputs
Output Low Voltage
VOL
0.2
0.4
V
IOUT = 1.5 mA
Output High Voltage
VOH
VIO − 0.3
VIO − 0.2
V
IOUT = −1.5 mA
Short Circuit Current
IOS
7
85
mA
VOUT = GND1 or VIO
VOLTAGE REFERENCE
Reference Output Voltage
VREF
2.025
3.025
V
|IREF = 50 µA|
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/µs
VCM = 1 kV, transient magnitude = 800 V
SLOPE CONTROL
Current for Slope Control Mode
ISLOPE
−10
−200
µA
Slope Control Mode Voltage
VSLOPE
1.8
3.3
V
1
CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com