Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3053 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3053_V01 Datasheet HTML 4Page - Analog Devices ADM3053_V01 Datasheet HTML 5Page - Analog Devices ADM3053_V01 Datasheet HTML 6Page - Analog Devices ADM3053_V01 Datasheet HTML 7Page - Analog Devices ADM3053_V01 Datasheet HTML 8Page - Analog Devices ADM3053_V01 Datasheet HTML 9Page - Analog Devices ADM3053_V01 Datasheet HTML 10Page - Analog Devices ADM3053_V01 Datasheet HTML 11Page - Analog Devices ADM3053_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADM3053
Data Sheet
Rev. E | Page 8 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND1 1
NC 2
GND1 3
RxD 4
GND2
20
VISOIN
19
RS
18
CANH
17
TxD 5
GND2
16
VIO 6
CANL
15
GND1 7
VREF
14
VCC 8
GND2
13
GND1 9
VISOOUT
12
GND1 10
GND2
11
ADM3053
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
2. PIN 12 AND PIN 19 MUST BE
CONNECTED EXTERNALLY.
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 7, 9, 10
GND1
Ground, Logic Side.
2
NC
No Connect. Do not connect to this pin.
4
RxD
Receiver Output Data.
5
TxD
Driver Input Data.
6
VIO
iCoupler Power Supply. It is recommended that a 0.1 μF and a 0.01 μF decoupling capacitor be fitted
between Pin 6 and GND1. See Figure 28 for layout recommendations.
8
VCC
isoPower Power Supply. It is recommended that a 0.1 μF and a 10 μF decoupling capacitor be fitted
between Pin 8 and Pin 9.
11, 13
GND2
Ground for Isolated DC-to-DC Converter. It is recommended to connect Pin 11 and Pin 13 together through
one ferrite bead to the PCB ground.
12
VISOOUT
Isolated Power Supply Output. This pin must be connected externally to VISOIN. It is recommended that a ferrite
bead reservoir capacitor of 10 μF and a decoupling capacitor of 0.1 μF be fitted between Pin 12 and Pin 11.
14
VREF
Reference Voltage Output. It is recommended not to connect to this pin.
15
CANL
Low-Level CAN Voltage Input/Output.
16, 20
GND2
Ground, Bus Side.
17
CANH
High-Level CAN Voltage Input/Output.
18
RS
Slope Control Pin. Short this pin to GND2 (Pin 16 or Pin 20) for full speed operation. Use a weak pull-down for
slope control. An input high places the transceiver in standby. This pin must not be left floating.
19
VISOIN
Isolated Power Supply Input. This pin must be connected externally to VISOOUT. It is recommended this pin
have a 0.1 μF capacitor to GND2 (Pin13 or Pin 11). Connect this pin through a ferrite bead and short trace
length to VISOIN for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com