Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3053 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 5 Page - Analog Devices

  ADM3053_V01 Datasheet HTML 1Page - Analog Devices ADM3053_V01 Datasheet HTML 2Page - Analog Devices ADM3053_V01 Datasheet HTML 3Page - Analog Devices ADM3053_V01 Datasheet HTML 4Page - Analog Devices ADM3053_V01 Datasheet HTML 5Page - Analog Devices ADM3053_V01 Datasheet HTML 6Page - Analog Devices ADM3053_V01 Datasheet HTML 7Page - Analog Devices ADM3053_V01 Datasheet HTML 8Page - Analog Devices ADM3053_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADM3053
Rev. E | Page 5 of 18
REGULATORY INFORMATION
Table 3. ADM3053 Approvals
Organization
Approval Type
Notes
UL
Recognized under the Component Recognition
Program of Underwriters Laboratories, Inc.
In accordance with UL 1577, each ADM3053 is proof tested by applying
an insulation test voltage ≥2500 V rms for 1 second. File E214100.
VDE
Certified according to DIN EN 60747-5-2 (VDE
0884 Part 2): 2003-01.
In accordance with VDE 0884-2. File 2471900-4880-0001.
CSA
Approved under CSA Component Acceptance
Notice 5A. Testing was conducted per CSA
60950-1-07 and IEC 60950-1, 2nd Edition at
2.5 kV rated voltage.
Testing was conducted per CSA 61010-1-04
and IEC 61010-1 2nd Edition at 2.5 kV rated
voltage.
Basic insulation at 760 V rms (1074 V peak) working voltage. Reinforced
insulation at 380 V rms (537 V peak) working voltage.
Basic insulation at 424 V rms (600 V peak) working voltage. Reinforced
insulation at 300 V rms (424 V peak) working voltage.
File 205078.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.7
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
7.6
mm
Measured from input terminals to output terminals,
shortest distance along body
Minimum Internal Gap (Internal
Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303-1
Isolation Group
II
Material group (DIN VDE 0110: 1989-01, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com