Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3053 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3053_V01 Datasheet HTML 8Page - Analog Devices ADM3053_V01 Datasheet HTML 9Page - Analog Devices ADM3053_V01 Datasheet HTML 10Page - Analog Devices ADM3053_V01 Datasheet HTML 11Page - Analog Devices ADM3053_V01 Datasheet HTML 12Page - Analog Devices ADM3053_V01 Datasheet HTML 13Page - Analog Devices ADM3053_V01 Datasheet HTML 14Page - Analog Devices ADM3053_V01 Datasheet HTML 15Page - Analog Devices ADM3053_V01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADM3053
Data Sheet
Rev. E | Page 12 of 18
TEST CIRCUITS
TxD
VOD VCANH
VCANH
VOC
RL
RL
2
2
Figure 22. Driver Voltage Measurement
CL
RxD
CANH
CANL
VID
Figure 23. Receiver Voltage Measurements
CANH
CANL
TxD
RxD
CL
RL
15pF
Figure 24. Switching Characteristics Measurements
RL
RS
10µF
100nF
10µF
100nF
10µF
100nF
10µF
100nF
ADM3053
TxD
RxD
ISOLATION
BARRIER
GND1
GND2
LOGIC SIDE
BUS SIDE
ENCODE
DECODE
DECODE
ENCODE
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER
VIO
VISOIN
RS
CANH
CANL
VREF
REFERENCE
VOLTAGE
RECEIVER
CAN TRANSCEIVER
TxD
RS
RxD
VREF
GND2
VCC
SLOPE/
STANDBY
DRIVER
PROTECTION
VCC
Figure 25. Supply Current Measurement Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com