Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3055EBRIZ
Description  5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 1 Page - Analog Devices

  ADM3055EBRIZ Datasheet HTML 1Page - Analog Devices ADM3055EBRIZ Datasheet HTML 2Page - Analog Devices ADM3055EBRIZ Datasheet HTML 3Page - Analog Devices ADM3055EBRIZ Datasheet HTML 4Page - Analog Devices ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
5 kV rms/3 kV rms, Signal and Power
Isolated, CAN Transceivers for CAN FD
Data Sheet
ADM3055E/ADM3057E
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
5 kV rms/3 kV rms signal and power isolated CAN transceivers
iso
Power integrated isolated dc-to-dc converter
VIO pin for 1.7 V to 5.5 V logic levels
ISO 11898-2:2016 compliant (CAN FD)
Data rates up to 12 Mbps for CAN FD
Low maximum loop propagation delay: 150 ns
Extended common-mode range: ±25 V
Bus fault protection: ±40 V on CANH and CANL pins
Low power standby support remote wake request
Extra isolated signal for control (such as termination switches)
Passes EN 55022 Class B by 6 dB
Slope control for reduced EMI
Safety and regulatory approvals (ADM3055E)
VDE certificate of conformity, VDE V 0884-10 (pending)
VIORM = 849 VPEAK
UL: 5000 V rms for 1 minute per UL 1577 (pending)
CSA Component Acceptance Notice 5A (pending)
IEC 60950-1, IEC 61010-1
Creepage and clearance
ADM3055E: 8.3 mm minimum with 20-lead SOIC_IC
ADM3057E: 7.8 mm minimum with 20-lead SOIC_W
High common-mode transient immunity: >75 kV/µs
Industrial operating temperature range: −40°C to +105°C
APPLICATIONS
CANOpen, DeviceNet, and other CAN bus implementations
Industrial automation
Process control and building control
Transport and infrastructure
GENERAL DESCRIPTION
The ADM3055E/ADM3057E are 5 kV rms and 3 kV rms
isolated controller area network (CAN) physical layer transceivers
with integrated isolated dc-to-dc converters. The ADM3055E/
ADM3057E meet flexible data rate (CAN FD) requirements for
operation to 5 Mbps and higher and comply with the ISO 11898-2:
2016 standard. The ADM3055E/ADM3057E are capable of
supporting data rates as high as 12 Mbps.
The devices employ Analog Devices, Inc., iCoupler® technology
to combine a 3-channel isolator, a CAN transceiver, and an
Analog Devices isoPower® dc-to-dc converter into a single, surface-
mount, small outline integrated circuit (SOIC) package. The
devices are powered by a single 5 V supply, realizing a fully isolated
solution for CAN and CAN FD. Radiated emissions from the
high frequency switching of the dc-to-dc convertors are kept
below EN 55022 Class B limits by continuous adjustments to
the switching frequency.
FUNCTIONAL BLOCK DIAGRAM
SLOPE
MODE
DOMINANT TIMEOUT
THERMAL SHUTDOWN
CAN
TRANSCEIVER
VCC
VISOOUT
VISOIN
RS
CANH
CANL
AUXOUT
AUXIN
STBY
RXD
TXD
SILENT
VIO
GND2
GNDISO
GND1
ADM3055E/
ADM3057E
LOW EMI ISOLATED
DC-TO-DC CONVERTER
DIGITAL
ISOLATOR
TRANSCEIVER
STANDBY
RXD
STANDBY MODE
OSC
REG
RECTIFICATION
Figure 1.
The ADM3055E/ADM3057E provide complete isolation
between the CAN controller and physical layer bus. Safety and
regulatory approvals (pending) for 5 kV rms isolation voltage,
10 kV surge test, and 8.3 mm creepage and clearance ensure the
ADM3055E meets application reinforced isolation requirements.
The ADM3057E has an isolation voltage of 3 kV rms and
7.8 mm creepage in a 20-lead, wide body SOIC.
Low propagation delays through the isolation support longer
bus cables. Slope control mode is available for standard CAN at
low data rates. Standby mode minimizes power consumption
when the bus is idle or if the node goes offline. Silent mode
allows the TXD input to be ignored for listen only mode.
Dominant timeout functionality protects against bus lock up in
a fault condition. The current limiting and thermal shutdown
features protect against output short circuits. The devices are
fully specified over an industrial temperature range of −40°C
to +105°C.


Similar Part No. - ADM3055EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3055EBRIZ AD-ADM3055EBRIZ Datasheet
454Kb / 24P
Signal and Power Isolated, CAN Transceivers for CAN FD
11/2018-Rev. 0 to Rev. A
ADM3055EBRIZ-RL AD-ADM3055EBRIZ-RL Datasheet
454Kb / 24P
Signal and Power Isolated, CAN Transceivers for CAN FD
11/2018-Rev. 0 to Rev. A
More results

Similar Description - ADM3055EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
Signal and Power Isolated, CAN Transceivers for CAN FD
11/2018-Rev. 0 to Rev. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com