Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3055EBRIZ
Description  5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADM3055E/ADM3057E
Data Sheet
Rev. B | Page 12 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM3055E/
ADM3057E
TOP VIEW
(Not to Scale)
20
11
12
13
14
15
16
17
18
19
1
10
9
8
7
6
5
4
3
2
GND1
GND1
AUXIN
STBY
TXD
SILENT
RXD
VIO
VCC
GND1
GNDISO
GND2
RS
CANL
CANH
GND2
VISOIN
AUXOUT
GNDISO
VISOOUT
Figure 8. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 10
GND1
Ground, Logic Side.
3
VCC
iso
Power Power Supply, 4.5 V to 5.5 V. This pin requires 0.1 µF and 10 µF decoupling capacitors.
4
VIO
i
Coupler Power Supply, 1.7 V to 5.5 V. This pin requires 0.01 µF and 0.1 µF decoupling capacitors.
5
RXD
Receiver Output Data.
6
SILENT
Silent Mode Select with Input High. Bring this input low or leave the pin unconnected (internal pull-down) for
normal mode.
7
TXD
Driver Input Data. This pin has a weak internal pull-up resistor to VIO.
8
STBY
Standby Mode Select with Input High. Bring this input low or leave the pin unconnected (internal pull-down) for
normal mode.
9
AUXIN
Auxiliary Channel Input. This pin sets the AUXOUT output.
11, 15
GND2
Ground, Bus Side.
12
RS
Slope Control Pin. Short this pin to ground for full speed operation or use a weak pull-down resistor (for example,
47 kΩ) for slope control mode. An input high signal places the CAN transceiver in standby mode.
13
CANL
CAN Low Input/Output.
14
CANH
CAN High Input/Output.
16
VISOIN
Isolated Power Supply Input for the CAN Transceiver Bus Side Digital Isolator. This pin requires 0.01 µF and 0.1 µF
decoupling capacitors.
17
AUXOUT
Isolated Auxiliary Channel Output. The state of AUXOUT is latched when STBY is high. By default, AUXOUT is low at
startup or when VIO is unpowered.
18, 20
GNDISO
Ground for the Isolated DC-to-DC Converter. Connect these pins together through one ferrite bead to PCB ground
(bus side).
19
VISOOUT
Isolated Power Supply Output. This pin requires 0.22 µF and 10 µF capacitors to GNDISO. Connect this pin through a
ferrite bead and short the PCB trace to VISOIN for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com