Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADM3055EBRIZ
Description  5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices ADM3055EBRIZ Datasheet HTML 20Page - Analog Devices ADM3055EBRIZ Datasheet HTML 21Page - Analog Devices ADM3055EBRIZ Datasheet HTML 22Page - Analog Devices ADM3055EBRIZ Datasheet HTML 23Page - Analog Devices ADM3055EBRIZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. B | Page 21 of 24
RS PIN
The RS pin sets the transceiver in one of three different modes
of operation: high speed, slope control, or standby. This pin
cannot be left floating.
For high speed mode, connect the RS pin directly to GND2.
Ensure that the transition time of the CAN bus signals are as
short as possible to allow higher speed signaling. A shielded
cable is recommended to avoid electromagnetic interference
(EMI) problems in high speed mode.
Slope control mode allows the use of unshielded twisted pair
wires or parallel pair wires as bus lines. Slow the signal rise and
fall transition times to reduce EMI and ringing in slope control
mode. Adjust the rise and fall slopes by adding a resistor (RSLOPE)
connected from RS to GND2. The slope is proportional to the
current output at the RS pin.
The RS pin can also set the CAN transceiver to standby mode,
which occurs when the pin is driven to a voltage above VSTB. In
standby mode, high speed data is filtered, and the CANH and
CANL lines are biased to GND2.
The RS pin can only set the CAN transceiver to standby mode.
The state of the RS pin does not modify the operation of digital
isolation channels or the auxiliary channel.
AUXILIARY CHANNEL
The auxiliary channel is available for low speed data transmission
at up to 20 kHz (or 40 kbps nonreturn-to-zero format) when
STBY is not asserted. The data rate limit of the channel allows the
data channel to be shared by the STBY signal.
In standby mode, or when STBY is driven high, the operation of
the channel is modified to share the multiplexed signal path
with the STBY signal (see Figure 1). The AUXOUT pin remains
latched in the state when STBY is asserted. Periodic pulses
(<25 µs wide) are sent to indicate that the logic side is powered
and remains in standby mode.
In applications where AUXOUT may be shorted to GND2 or VDD2,
add a series resistance to the output channel.
An example of using this auxiliary channel to control a switchable
termination from the logic side is demonstrated on the EVAL-
ADM3055EEBZ evaluation board.
INTEGRATED AND CERTIFIED IEC EMC SOLUTION
Typically, designers must add protections against harsh operating
environments while also making the product as small as possible.
To reduce board space and the design effort needed to meet system
level ESD standards, the ADM3055E and the ADM3057E include
robust protection circuitry on chip for the CANH and CANL lines.
FAULT PROTECTION
Miswire events commonly occur when the system power supply
is connected directly to the CANH and CANL bus lines during
assembly. The ADM3055E and the ADM3057E CAN bus pins
are protected against such high voltage miswire events. The
ADM3055E and the ADM3057E CANH and CANL signal lines
can withstand continuous ±40 V with respect to GND2 or +40 V
between the CAN bus lines without damage. This level of
protection applies when the device is either powered or
unpowered.
The ADM3055E provides IEC 61000-4-2 Level 4 ESD protection,
but some applications may require further system level protection.
The symmetrical nature of the ADM3055E ±40 V bus fault
protection and the ±25 V CMR makes the selection of
bidirectional transient voltage suppressor (TVS) diodes easier.
FAIL-SAFE FEATURES
In cases where the TXD input pin is allowed to float, to prevent
bus traffic interruption, the TXD input channel has an internal
pull-up to the VIO pin. The pull-up holds the transceiver in the
recessive state.
The ADM3055E and the ADM3057E feature a dominant timeout
(tDT in Table 2). A TXD line shorted to ground or malfunctioning
CAN controller are examples of how a single node can indefinitely
prevent further bus traffic. The dominant timeout limits how
long the dominant state can transmit to the CAN bus by the
transceiver. When the TXD pin is presented with a logic high,
normal TXD functionality is restored.
The tDT minimum also inherently creates a minimum data rate.
Under normal operation, the CAN protocol allows five consecutive
bits of the same polarity before stuffing a bit of the opposite
polarity into the transmitting bit sequence. When an error is
detected, the CAN controller purposely violates the bit stuffing
rules by producing six consecutive dominant bits. At any given
data rate, the CAN controller must transmit as many as 11
consecutive dominant bits to effectively limit the ADM3055E
and the ADM3057E minimum data rate to 9600 bps.
THERMAL SHUTDOWN
The ADM3055E and the ADM3057E contain thermal
shutdown circuitry that protects the devices from excessive
power dissipation during fault conditions. Shorting the driver
outputs to a low impedance source can result in high driver
currents. The thermal sensing circuitry detects the increase in
die temperature under this condition and disables the driver
outputs. The circuitry disables the driver outputs when the die
temperature reaches 175°C. When the die has cooled, the
drivers are enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com