Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3055EBRIZ
Description  5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. B | Page 13 of 24
OPERATIONAL TRUTH TABLE
Table 13. Truth Table
Power
Inputs1, 2
Outputs2
Input/Output
VCC
VIO
TXD
SILENT
STBY
AUXIN
RS
Mode
RXD3
AUXOUT
CANH/CANL
On
On
Low
Low
Low
Low
Low/
pull-down
Normal/
slope mode
Low
Low
Dominant4
On
On
Low
Low
Low
High
Low/
pull-down
Normal/
slope mode
Low
High
Dominant4
On
On
High
Low
Low
Low
Low/
pull-down
Normal/
slope mode
High/per bus
Low
Recessive/set by bus
On
On
High
Low
Low
High
Low/
pull-down
Normal/
slope mode
High/per bus
High
Recessive/set by bus
On
On
X
High
Low
Low
X
Listen only
High/per bus
Low
Recessive/set by bus
On
On
X
High
Low
High
X
Listen only
High/per bus
High
Recessive/set by bus
On
On
X
X
High
X
X
Standby
High/WUP/filtered
Last state
Bias to GND2/set by bus
On
On
X
X
X
Low
Pull-up
Standby5
High/WUP/filtered
Low
Bias to GND2/set by bus
On
On
X
X
X
High
Pull-up
Standby5
High/WUP/filtered
High
Bias to GND2/set by bus
On
Off
Z
Z
Z
Z
Low/
pull-down
Normal/
slope mode
Z
Low
Recessive/set by bus
Off
On
X
X
X
X
X
Transceiver off
High
Z
High impedance/set by bus
Off
Off
Z
Z
Z
Z
Z
Transceiver off
Z
Z
High impedance/set by bus
1
X means irrelevant.
2
Z means high impedance within one diode drop of ground.
3
WUP means remote wake-up pattern.
4
Limited by tDT.
5
RS can only set the transceiver to standby mode. RS does not control the digital isolator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com