Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 4 Page - AnaSem Hong Kong Limited.

Part # VDA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDA Datasheet(HTML) 4 Page - AnaSem Hong Kong Limited.

  VDA Datasheet HTML 1Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 2Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AnaSem
3
Rev. E13-01
VDA Series
Low voltage, Low power, ±1% High detect accuracy CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL APPLICATION CIRCUITS
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Note :
※
1)
Power dissipation depends on conditions of mounting on boards.
PCB dimension is 50mm×50mm×1.6mm.
Items
Symbol
Ratings
Unit
Input voltage range
VIN
–0.3 ~ +7.0
V
Output current
IOUT
50
mA
Output voltage range
VOUT
VSS –0.3 ~ VIN +0.3
V
Power dissipation
※
1)
SOT-23
PD
400
mW
Operating temperature range
TOPR
–40 ~ +85
°C
Storage temperature range
TSTG
–55 ~ +125
°C
100K
Ω
VIN
VOUT
VSS
CMOS output
N-channel open drain output
VIN
VOUT
VSS
VIN
Vss
Voltage
Reference
+
_
VOUT
CMOS output
VIN
Vss
Voltage
Reference
+
_
VOUT
N-channel open drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com