Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 12 Page - AnaSem Hong Kong Limited.

Part # VDA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDA Datasheet(HTML) 12 Page - AnaSem Hong Kong Limited.

Back Button VDA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 16Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AnaSem
11
Rev. E13-01
VDA Series
Low voltage, Low power, ±1% High detect accuracy CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – N-ch Driver Output Current vs. VDS (continued)
VDA2510CTA (CMOS 2.5V)
VDA1020NTA (N-ch 1.0V)
VDA1810NTA (N-ch 1.8V)
Ta=25°C
VDS (V)
3.0
2.0
1.5
1.0
0.5
0
2.5
VDA2010CTA (CMOS 2.0V)
Ta=25°C
1.6
0.6
0.4
0.2
0
VDS (V)
0.8
1.2
1.0
1.4
9.0
6.0
4.0
3.0
1.0
0
8.0
2.0
5.0
7.0
VIN=1.5V
VIN=1.0V
Ta=25°C
2.5
1.0
0.5
0
VDS (V)
2.0
1.5
18.0
12.0
8.0
6.0
2.0
0
16.0
4.0
10.0
14.0
VIN=1.0V
VIN=1.5V
VIN=2.0V
1.2
0.8
0.6
0.4
02
0
1.0
Ta=25°C
1.6
0.6
0.4
0.2
0
VDS (V)
0.8
1.2
1.0
1.4
9.0
6.0
4.0
3.0
1.0
0
8.0
2.0
5.0
7.0
VIN=1.0V
VIN=0.9V
VIN=1.5V
VIN=1.0V
VDA2710NTA (N-ch 2.7V)
VDA4010NTA (N-ch 4.0V)
Ta=25°C
VDS (V)
30.0
20.0
15.0
10.0
5.0
0
25.0
3.0
2.0
1.5
1.0
0.5
0
2.5
Ta=25°C
4.0
1.5
1.0
0.5
0
VDS (V)
2.0
3.0
2.5
3.5
45.0
30.0
20.0
15.0
5.0
0
40.0
10.0
25.0
35.0
VIN=2.5V
VIN=2.0V
VIN=1.5V
VIN=1.0V
VIN=3.5V
VIN=1.5V
VIN=2.0V
VIN=2.5V
VIN=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com