Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 13 Page - AnaSem Hong Kong Limited.

Part # VDA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDA Datasheet(HTML) 13 Page - AnaSem Hong Kong Limited.

Back Button VDA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 16Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 17Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AnaSem
12
Rev. E13-01
VDA Series
Low voltage, Low power, ±1% High detect accuracy CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – N-ch Driver Output Current vs. Input Voltage
VDA2510CTA (CMOS 2.5V)
VDA1020NTA (N-ch 1.0V)
VDA1810NTA (N-ch 1.8V)
Input Voltage : VIN (V)
3.5
2.0
1.5
1.0
0.5
0
3.0
VDA2010CTA (CMOS 2.0V)
1.3
0.9
0.7
0.5
0.3
1.1
VDS=0.5V, VIN=0~VREL, Step=0.2V
Input Voltage : VIN (V)
12.0
8.0
6.0
4.0
2.0
0
10.0
2.5
0
1.0
0.5
2.0
1.5
Ta=+25°C
Ta=–40°C
Ta=+85°C
VDS=0.5V, VIN=0~VREL, Step=0.2V
Input Voltage : VIN (V)
12.0
8.0
6.0
4.0
2.0
0
10.0
3.0
2.0
1.5
1.0
0.5
0
2.5
2.5
Input Voltage : VIN (V)
10.0
7.0
5.0
4.0
2.0
0
9.0
2.0
1.5
1.0
0.5
0
2.5
8.0
Ta=+25°C
Ta=–40°C
Ta=+85°C
VDS=0.5V, VIN=0~VREL, Step=0.2V
VDS=0.5V, VIN=0~VREL, Step=0.2V
VDA2710NTA (N-ch 2.7V)
VDA4010NTA (N-ch 4.0V)
Input Voltage : VIN (V)
14.0
8.0
6.0
4.0
2.0
0
12.0
3.5
2.0
1.5
1.0
0.5
0
2.5
10.0
3.0
Input Voltage : VIN (V)
14.0
8.0
6.0
4.0
2.0
0
12.0
4.5
2.0
1.5
1.0
0.5
0
2.5
10.0
4.0
3.0
3.5
VDS=0.5V, VIN=0~VREL, Step=0.2V
VDS=0.5V, VIN=0~VREL, Step=0.2V
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
1.0
3.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com