Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 7 Page - AnaSem Hong Kong Limited.

Part # VDA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDA Datasheet(HTML) 7 Page - AnaSem Hong Kong Limited.

Back Button VDA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDA Datasheet HTML 11Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AnaSem
6
Rev. E13-01
VDA Series
Low voltage, Low power, ±1% High detect accuracy CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
DESCRIPTION OF OPERATION
General operation (CMOS Output)
In reference to following the block diagram of CMOS output VDA series ;
A. When the input voltage (VIN) is higher than the release voltage (VREL), the input voltage (VIN) is
provided at the output terminal because N-ch transistor is OFF and the P-ch transistor is ON. And,
the output maintains the same level of input as long as the input voltage remains above the detection
voltage (VDET).
B. When the input voltage (VIN) falls below the
detection voltage (VDET), the N-ch transistor is
ON and the P-ch transistor is OFF. And, the
output voltage (VOUT) is same as ground level
(VSS).
C. When the input voltage (VIN) falls below the
minimum operating voltage, the output becomes
unstable, or goes to VIN when the output is pulled
up to VIN.
D. When the input voltage (VIN) rises above the
minimum voltage, the ground voltage (VSS) level
is maintained even though the input voltage (VIN)
rises above the detection voltage (VDET) as long
as it does not exceed the release voltage (VREL)
level.
E. When the input voltage (VIN) rises above the
release
voltage
(VREL),
the
N-ch
transistor
becomes OFF and the P-Ch transistor becomes
ON. And, the output voltage (VOUT) is equal to
input voltage (VIN). This difference between VDET
and VREL is hysteresis range (VHYS).
VIN
Vss
Voltage
Reference
+
_
VOUT
P-ch
N-ch
Input voltage (VIN)
Output voltage (VOUT)
Release voltage (VREL)
Detection voltage (VDET)
Min. operating voltage
Power ground (VSS)
Release voltage (VREL)
Detection voltage (VDET)
Min. operating voltage
Power ground (VSS)
Hysteresis range (VHYS)
A B
C
D E
[ TIMING CHART ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com