Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA09 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA09
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA09 Datasheet(HTML) 2 Page - Cirrus Logic

  PA09 Datasheet HTML 1Page - Cirrus Logic PA09 Datasheet HTML 2Page - Cirrus Logic PA09 Datasheet HTML 3Page - Cirrus Logic PA09 Datasheet HTML 4Page - Cirrus Logic PA09 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
80V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal1
78W
INPUT VOLTAGE, differential
40V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction1
150°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA09
PA09A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
.5
± 3
± .25
± .5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
30
5
10
µV/°C
OFFSET VOLTAGE, vs. supply
10
*
µV/V
BIAS CURRENT, initial
5
100
3
20
pA
BIAS CURRENT, vs. supply
.01
*
pA/V
OFFSET CURRENT, initial
2.5
50
1.5
10
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
6
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
± V
S–10
± V
S–8
*
*
V
COMMON MODE REJECTION, DC
Full temperature range, V
CM = ± 20V
104
*
dB
GAIN
OPEN LOOP GAIN at 15Hz
R
L = 1kΩ
80
98
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz C
C = 5pF
150
*
MHz
POWER BANDWIDTH
R
L = 15Ω, CC = 5pF
750
*
KHz
POWER BANDWIDTH
R
L = 15Ω, CC = 100pF
150
*
KHz
OUTPUT
VOLTAGE SWING3
Full temperature range, I
O = 2A
± V
S –8
± V
S –7
*
*
V
CURRENT, PEAK
4.5
*
A
SETTLING TIME to 1%
4V step, C
C = 100pF
.75
*
µs
SETTLING TIME to .1%
4V step, C
C = 100pF
1.3
*
µs
SLEW RATE
C
C = 5pF
220
*
V/µs
SLEW RATE
C
C = 100pF
25
*
V/µs
RESISTANCE
7.5
*
Ω
POWER SUPPLY
VOLTAGE
Full temperature range
± 12
± 35
± 40
*
*
*
V
CURRENT, quiescent
70
85
*
*
mA
THERMAL
RESISTANCE, AC junction to case4
Full temperature range, F > 60Hz
1.2
1.3
*
*
°C/W
RESISTANCE, DC junction to case
Full temperature range, F < 60Hz
1.6
1.8
*
*
°C/W
RESISTANCE, junction to air
Full temperature range
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
25
+ 85
*
*
*
°C
PA09 • PA09A
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: *
The specification of PA09A is identical to the specification for PA09 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
2. Unless otherwise noted: T
C = 25°C, supply voltage = ±35V.
3. +V
S and -VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com