Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA09 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA09
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA09 Datasheet(HTML) 1 Page - Cirrus Logic

  PA09 Datasheet HTML 1Page - Cirrus Logic PA09 Datasheet HTML 2Page - Cirrus Logic PA09 Datasheet HTML 3Page - Cirrus Logic PA09 Datasheet HTML 4Page - Cirrus Logic PA09 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• POWER MOS TECHNOLOGY — 2A peak rating
• HIGH GAIN BANDWIDTH PRODUCT — 150MHz
• VERY FAST SLEW RATE — 200V/µs
• PROTECTED OUTPUT STAGE — Thermal shutoff
• EXCELLENT LINEARITY — Class A/B output
• WIDE SUPPLY RANGE — ±12V to ±40V
• LOW BIAS CURRENT, LOW NOISE — FET input
APPLICATIONS
• VIDEO DISTRIBUTION AND AND AMPLIFICATION
• HIGH SPEED DEFLECTION CIRCUITS
• POWER TRANSDUCERS TO 2MHz
• COAXIAL LINE DRIVERS
• POWER LED OR LASER DIODE EXCITATION
DESCRIPTION
The PA09 is a high voltage, high output current operational
amplifier optimized to drive a variety of loads from DC through
the video frequency range. Excellent input accuracy is achieved
with a dual monolithic FET input transistor which is cascoded
by two high voltage transistors to provide outstanding common
mode characteristics. All internal current and voltage levels
are referenced to a zener diode biased on by a current source.
As a result, the PA09 exhibits superior DC and AC stability
over a wide supply and temperature range.
High speed and freedom from second breakdown is assured
by a complementary Power MOS output stage. For optimum
linearity, especially at low levels, the Power MOS transistors
are biased in the class A/B mode. Thermal shutoff provides
full protection against overheating and limits the heatsink
requirements to dissipate the internal power losses under
normal operating conditions. A built-in current limit protects the
amplifier against overloading. Transient inductive load kickback
protection is provided by two internal clamping diodes. External
phase compensation allows the user maximum flexibility in
obtaining the optimum slew rate and gain bandwidth product
at all gain settings. For continuous operation under load, a
heatsink of proper rating is recommended.
This hybrid integrated circuit utilizes thick film (cermet) resis-
tors, ceramic capacitors and silicon semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable intercon-
nections at all operating temperatures. The CE, 8-pin TO-3
package is hermeti-
cally sealed and elec-
trically isolated. The
use of com-pressible
thermal washers and/
or improper mounting
torque will void the
product warranty.
Please see “General
Operating Consider-
ations”.
����
����
�����
��
���� �
���
�����
��
����
��
����
��
�
�
�
�
�
��������
��
��
�������
����������
��
����
��
�
�
���������������������������������������
DEFLECTION AMPLIFIER (FIGURE 1)
The deflection amplifier circuit of Figure 1 achieves arbi-
trary beam positioning for a fast heads-up display. Maximum
transition times are 4µs while delivering 2A pk currents to the
13mH coil. The key to this circuit is the sense resistor (R
S)
which converts yoke current to voltage for op amp feedback.
This negative feedback forces the coil current to stay exactly
proportional to the control voltage. The network consisting of
R
D, RF and CF serves to shift from a current feedback via RS to
a direct voltage feedback at high frequencies. This removes
the extra phase shift caused by the inductor thus preventing
oscillation. See Application Note 5 for details of this and other
precision magnetic deflection circuits.
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
�
�
�
�
�
�
�
�
��
��
��
��
��
���
���
���
����
��
��
��
����
��
��
��
��
���
���
���
��
���
���
��
���
��������
�
�
�
�
�
�
�
�
�
�
��
�
���
���
��
�
���
���
�
�
�
�
�
���������������������������
��������������������������������������������
������������
�
�
�
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA09 CIRRUS-PA09 Datasheet
222Kb / 6P
Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA0901 PULSE-PA0901 Datasheet
631Kb / 4P
High Frequency Planar Transformers
PA0901NL PULSE-PA0901NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0901NL PULSE-PA0901NL Datasheet
631Kb / 4P
High Frequency Planar Transformers
PA0903 PULSE-PA0903 Datasheet
631Kb / 4P
High Frequency Planar Transformers
More results

Similar Description - PA09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA19 APEX-PA19 Datasheet
289Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com