Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA09 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA09
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA09 Datasheet(HTML) 4 Page - Cirrus Logic

  PA09 Datasheet HTML 1Page - Cirrus Logic PA09 Datasheet HTML 2Page - Cirrus Logic PA09 Datasheet HTML 3Page - Cirrus Logic PA09 Datasheet HTML 4Page - Cirrus Logic PA09 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA09 • PA09A
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
SUPPLY VOLTAGE
The specified voltage (±V
S) applies for a dual (±) supply
having equal voltages. A nonsymmetrical (ie. +70/–10V) or a
single supply (ie. 80V) may be used as long as the total volt-
age between the +V
S and –VS rails does not exceed the sum
of the voltages of the specified dual supply.
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
SAFE OPERATING AREA CURVES
The SOA curves combine the effect of these limits and allow
for internal thermal delays. For a given application, the direc-
tion and magnitude of the output current should be calculated
or measured and checked against the SOA curves. This is
simple for resistive loads but more complex for reactive and
EMF generating loads. The following guidelines may save
extensive analytical efforts:
1. Capacitive and inductive loads up to the following maximums
are safe:
±V
S
CAPACITIVE LOAD
INDUCTIVE LOAD
40V
.1µF
11mH
30V
500µF
24mH
20V
2500µF
75mH
15V
∞
100mH
2. Short circuits to ground are safe with dual supplies up to
±20V.
3. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
BYPASSING OF SUPPLIES
Each supply rail must be bypassed to common with a
tantalum capacitor of at least 47µF in parallel with a .47µF
ceramic capacitor directly connected from the power supply
pins to the ground plane.
OUTPUT LEADS
Keep the output leads as short as possible. In the video
frequency range, even a few inches of wire have significant
inductance, raising the interconnection impedance and limit-
ing the output current slew rate. Furthermore, the skin effect
increases the resistance of heavy wires at high frequencies.
Multistrand Litz Wire is recommended to carry large video
currents with low losses.
GROUNDING
Single point grounding of the input resistors and the input
signal to a common ground plane will prevent undesired current
feedback, which can cause large errors and/or instabilities.
"Single point" is a key phrase here; a ground plane should
be used as shielding rather than a current path. Leaving the
case of the PA09 floating will cause oscillations in some ap-
plications.
COMPENSATION
The PA09 is extremely flexible in terms of choice of com-
pensation capacitor for any given gain. The most common
ranges are shown in the COMPENSATION typical performance
graph. Swinging closer to the supply rails, heavier loads, faster
input signal rise and fall times and higher supply voltages all
tend to demand larger values of compensation capacitor. This
capacitor must be rated at least as high as the total voltage
applied to the amplifier. In making specific value choices, use
the square wave stability test presented in APPLICATION
NOTE 19, Figures 40 and 41.
In addition to small signal testing, if the application includes
step functions in the input signal, use this circuit to measure
large signal response. By increasing square wave amplitude to
the maximum of the application, this test may show significant
distortion of the output waveform following the square wave
transitions. In this case the faster input stages of the PA09
are out-running the output stage and overload recovery time
creates the distortion. This speed relationship is also why
slew rate does not increase for compensation values below
about 27pF.
SUPPLY CURRENT
When swinging large signals, the output stage of the PA09
demands extra supply current. The following graphs illustrate
this current for several conditions for both sine and square
wave signals. Current is exclusive of any load current and will
��
��
��
��
��
���
���
��
���
���
���
���
���
�� ��
��
��
����������������������������������������
���������
�
��������
���������
������������
���������
���



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com