Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA09 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA09
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA09 Datasheet(HTML) 5 Page - Cirrus Logic

  PA09 Datasheet HTML 1Page - Cirrus Logic PA09 Datasheet HTML 2Page - Cirrus Logic PA09 Datasheet HTML 3Page - Cirrus Logic PA09 Datasheet HTML 4Page - Cirrus Logic PA09 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
PA09 • PA09A
affect both supply rating and thermal ratings. When calculat-
ing internal power dissipation, multiply this current times total
supply voltage.
Note that swinging closer to the supply rail demands more
current. Output voltage is given as peak. Currents are aver-
age responding supply readings, but AC monitoring will reveal
current pulses corresponding to periods of high slew rate.
For example, driving ±30V outputs at 500KHz on ±40V sup-
plies produces a .8A pulse during negative slew and a 1.2A
pulse during positive slew. If the input signal is over driven
by several times the output swing capability, pulses up to 4A
may be seen.
THERMAL SHUTDOWN PROTECTION
The thermal protection circuit shuts off the amplifier when
the substrate temperature exceeds approximately 150°C. This
allows heatsink selection to be based on normal operating
conditions while protecting the amplifier against excessive
junction temperature during temporary fault conditions.
Thermal protection is a fairly slow-acting circuit and therefore
does not protect the amplifier against transient SOA violations
(areas outside of the T
C = 25°C boundary). It is designed to
protect against short-term fault conditions that result in high
power dissipation within the amplifier, If the conditions that
cause thermal shutdown are not removed, the amplifier will
OPERATING
CONSIDERATIONS
���
�������
���
�������
���
�������
���
���
���
���
���
��
���
����
��������������������������
������������������
���
���
���
���
���
���
����
���
���
������������������������
������������������
oscillate in and out of shutdown. This will result in high peak
power stresses, destroy signal integrity, and reduce the reli-
ability of the device.
STABILITY
Due to its large bandwidth the PA09 is more likely to os-
cillate than lower bandwidth Power Operational Amplifiers.
To prevent oscillations a reasonable phase margin must be
maintained by:
1. Pay very careful attention to supply bypassing and circuit
grounding. This is very important when step functions are
driven and the PA09 shares supplies with more active
devices.
2. Keeping the external sumpoint stray capacitance to ground
at a minimum and the sumpoint load resistance (input and
feedback resistors in parallel) below 500Ω. Larger sumpoint
load resistances can be used with increased phase com-
pensation and/or bypassing of the feedback resistor.
3. Connect the case to a local AC ground potential.
CURRENT LIMIT
Internal current limiting is provided in the PA09. Note the
current limit curve given under typical performance graphs is
based on junction temperature. If the amplifier is operated at
cold junction temperatures, current limit could be as high as 8
amps. This is above the maximum allowed current on the SOA
curve of 5 amps. Systems using this part must be designed to
keep the maximum output current to less than 5 amps under all
conditions. The internal current limit only provides this protec-
tion for junction temperatures of 80°C and above.
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA09U REV K AUGUST 2005 © 2005 Apex Microtechnology Corp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com