Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA09147 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSA09147
Description  Combination T/R - Switch / LNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSA09147 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSA09147 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
C S A 0 9 1 4 7
F E AT U R E S
1215 - 1400 MHz
Transmit / Receive / LNA Assembly
28 dB Gain
Low Noise Figure 2.0 dB
MFD
D A I C O
I n d u s t r i e s
Rev.4 / Iss. 1
A d v a n c e d
R e l e a s e
Combination T/R - Switch / LNA
DET
BASE RTN
BIAS
GND
1
2
3
4
8
9
+4V
XMIR 0.8 VDC
RCV -60 VDC
E3
(+5.7
Q1
VDC)
E2
E4
R1
P1
SELF BIAS
SW
DETECTOR
COUPLER
SWITCH
PASSIVE
LIMITER
RF OUTPUT
AMP
U1
XMIT
TO
OUTPUT
LOAD
LOAD
AT1
ISOLATOR
HY1
J2
RF OUTPUT
J1
RF INPUT
2
4
3
S1
DETECTOR
RF TO TR
SWITCH
DRIVER
TR SWITCH
DRIVER
BIAS FROM
FUNCTIONAL BLOCK DIAGRAM
-5V
PINS 5-7 ARE
NO CONNECTION
1
HY1
.375
.920
.250
.45±.10
.35±.05
SMA
FEMALE
03538SOCN
77A108890P00
P1
2.50±.25
3.80 3.350
.20
2.450
1.95
.750
.25
7.000
7.50
1.900
1.90
2.600
2.20
.885
.44
1.830
4.260
6.500
8.00
J1
J2
BeO
CSA09147
SN
28983
J2
PIN 1
END
.204
+.005
-.003
4 PLACES
TNC
FEMALE
M24308/4-1F
WITH 2 (TWO)
JACKSCREWS
M24308/25-9
ESD SYMBOL
CUSTOMER
PART NUMBER
SERIAL NO.
4-40 THD X .25 MIN
4 PLACES
DIA THRU


Similar Part No. - CSA09147

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSA09034 DAICO-CSA09034 Datasheet
37Kb / 1P
SP4T Switch Assembly
CSA09035 DAICO-CSA09035 Datasheet
30Kb / 1P
Digital Attenuator Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
More results

Similar Description - CSA09147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Hittite Microwave Corpo...
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com