Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS500MA103 Datasheet(PDF) 6 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 6 Page - Analog Technologies, Inc.

Back Button ATLS500MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 10Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
calculated data by using the formula (1) and the
approximated data obtained by using the linear equation (2)
is about 0.4
°C, with the linear data being a little lower. The
curves of the 2 sets of the data are plotted in Figure 11.
Please notice that the TMPO pin has a weak driving
capability: the maximum sourcing current is 1
μA and the
maximum sinking current is 40
μA.
The TMPO pin can also be used as an input control pin:
when forcing the TMPO voltage to below 0.4V, the laser
controller will be shutdown.
Controller Power Consumption
When the maximum power consumed by the controller is
maintained to <1W, it does not require a heat sink to
operate. The power dissipated by the controller can be
calculated by this formula:
IVPS = IQ + IOUT
PIN = VVPS × IVPS
POUT = VOUT × IOUT
PDRIVER = PIN - POUT
= VVPS × IQ + ( VVPS - VOUT) × IOUT
Where IVPS is the input current at the VPS node, VVPS is
the power supply voltage, IGND is the ground pin current,
VOUT is the output voltage at the load, IOUT is the output
current going through the load.
Figure 7 shows the current distributions of the controller.
Figure 7. The Current Distributions in the Controller
When the PDRIVER exceeds 1W, a heat sink might be needed.
The best way for arranging the heat sinking for the driver
is as follows: transferring the heat by sandwiching a piece
of thermal conductive pad between the top metal surface of
the laser driver and the internal metal surface of the final
product as shown in Figure 8.1 and 8.2 below. The
recommended thickness of the thermal conductive pad in
Figure 8.1 is 1~4mm, and in Figure 8.2 is 0.5mm. ATI also
provides a series of thermal conductive pads, click here for
more information.
If prefer not to use the heat sink, this is an option: lowering
the controller power consumption by reducing the power
supply voltage VVPS. Please make sure:
VVPS
≥ VOUTMAX + 1V,
where VOUTMAX is the maximum possible laser diode
voltage.
Figure 8.1 Transferring Heat with Metal Enclosure
IQ
IVPS
IOUT
GND
LDC
VOUT
+
-
+
-
VVPS
PGND
VPS
LDA
Laser Driver
Control
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com