Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS500MA103 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS500MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
APPLICATIONS
Figure 4.1 shows a typical application circuit. W1 and W2 set the output current limit and output current respectively. Resistor
R1 and capacitor C1 form a low pass filter, to lower the noise from the voltage reference.
Laser diode D1 is connected between LDA and PGND. It is worth mentioning that the power supply return terminal should be
connected to the pin 11 PGND and the cathode of the laser diode should be connected to the pin 10 LDC. These 2 nodes should
not be connected together externally and they are connected together internally already by the controller.
Power Supply 5V
Power Supply 0V
To ADC
To ADC
1
2
D1
Laser Diode
1
2
D2
LED
Loop Good Indication
1
2
S1
SPST
Shut Down
SBDN
1
GND
2
2.5VR
3
LIMS
4
LIS
5
LIO
6
VPS 12
PGND 11
LDC 10
LDA 9
TMPO
8
LPGD
7
ATLS250MA106
3
W1
20K
3
W2
20K
1
2
C1
100uF 6.3V
Current Set (Clock-wise)
1206
Current Limit Set (Clock-Wise)
MLC Capacitor
1
2
R1 100K
Figure 4.1. Typical Stand-alone CW Operation Schematic for ATLS500MA106
Power Supply 5V
Power Supply 0V
To ADC
To ADC
1
2
D1
Laser Diode
1
2
D2
LED
Loop Good Indication
1
2
S1
SPST
Shut Down
SBDN
1
GND
2
2.5VR
3
LIMS
4
LIS
5
LIO
6
VPS 12
PGND 11
LDC 10
LDA
9
TMPO
8
LPGD 7
ATLS500MATF-S
3
W1
20K
3
W2
20K
1
2
R1 100K
1206
MLC Capacitor
Current Limit Set (Clock-Wise)
Current Set (Clock-wise)
1
2
R2 100K
AC Modulation Signal
1
2
1uF to 100uF
C2
1
2
100uF 6.3V
C1
Figure 4.2. Typical AC Modulation with DC bias Schematic for ATLS500MA106
ATLS500MATF
ATLS250MA106
ATLS500MA106
ATLS500MA106



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com