Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS500MA103 Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 11Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
Figure 8.2 Transferring Heat with Heat Sink
First Time Power Up
Laser is a high value and vulnerable device. Faults in
connections and damages done to the controller during
soldering process may damage the laser permanently.
To protect the laser, it is highly recommend to use 3 to 4
regular diodes of >200mA to form a “dummy laser” and
insert it in the place of the real laser diode, when powering
up the controller for the first time. Use an oscilloscope to
monitor the LDA voltage at times of power-up and power-
down, make sure that there is not over-shoot in voltage. At
the same time, use an ammeter in serious with the dummy
laser, to make sure that the output current is correct.
After thorough checking free of faults, disconnect the
dummy laser and connect the real laser in place.
The controller output voltage range for the laser is between
0.5 to 4V when powered by a 5V power supply.
Bandwidth Measurement
The controller bandwidth is 100kHz. There are two
methods to measure the bandwidth: large signal modulation
and small signal modulation. The measuring methods are as
below.
Small Signal Modulation Definition
Figure 9.1 Small Signal Modulation
As shown in Figure 9.1, add a sine signal of 1V DC + 0.2
Vp-p AC (the frequency increases generally) to LIS and
then measure the AC voltage on LIS and LIO. The AC
voltage ratio of LIO (AC)/LIS (AC) is 0.707 at the
frequency of around 200kHz, see Figure 9.2
Figure 9.2. The Ratio of LIO/LIS
Large Signal Modulation Definition
Figure 10. Large Signal Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com