Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS500MA103 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS500MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
3
2.5VR
Analog output
2.5V reference voltage. It is used by the internal DACs as the reference voltage. It can
source 3mA max, with 5
μVP-P noise @ 0.1 to 10Hz and 25ppm/°C stability max.
4
LIMS
Analog input
Laser current limit set. 0V to 2.5V sets the laser current limit from 0 to 600mA linearly.
5
LIS
Analog input
Laser current set. 0V to 2.5V sets the laser current from 0 to 500mA linearly.
6
LIO
Analog output
Laser current output indication.0.1V to 2.5V indicates the laser current of from 0A to
500mA linearly.
7
LPGD
Digital output
Loop good indication. When the controller is working properly, this pin is pulled high
by a 4.99k resistor connected to the VPS rail. Otherwise, it is pulled low by an open
drain MOSFET, which has the Rdson of < 100
Ω.
8
TMPO
Analog output
The driver internal temperature indication output.
9
LDA
Power output
Laser diode anode. Connect it to the anode of the laser diode. This pin is used to drive
the type of diode laser of which the cathode is connected to its case and the case is
connected to the ground. See below Figure 4 or Figure 5.
10
LDC
Power output
Laser diode cathode. Connect it directly to the laser’s cathode. See below Figure 4 or
Figure 5.
11
PGND
Power ground
Power ground pin. Connect it directly to power supply return rail.
12
VPS
Power input
Power supply. The driver works from 3.0V to 5.5V.
SPECIFICATIONS
Table 2. Characteristics (Tambient = 25
°C)
Parameter
Value
Unit/Note
Maximum Output Current
500
mA
Output Current Noise
(RMS) @ 0.1Hz ~ 10Hz
4.5
μAP-P
Current Set Voltage Range
(LIS)
0 ~ 2.5
V
Current Limit Set Voltage
Range (LIMS)
0 ~ 2.5
V
Bandwidth
200
kHz
Minimum Drop Out Voltage
0.3 +
2.1
×IOUT
V
Power Supply Voltage Range
3.0 ~ 5.5
V
Operating Case Temperature
−40 ~ 85
°C
Rise and Fall Times
1.5
μS
High IOUT Absolute Accuracy:
<0.1%
High IOUT Stability:
<100
ppm/
°C
OPERATION PRINCIPLE
The block diagram of the controller is shown in Figure 3.
The shut down control circuit is activated under one of these
3 circumstances: external shut down, output current exceeds
the current limit, and the internal temperature exceeds 120
°C.
When the controller is shut down by the external shutdown
signal, it will restart upon detecting the releasing of the
shutdown signal.
When it is shut down by the over current limit, the controller
shuts down itself and restarts again by going through the soft-
start process immediately. Therefore, the output current has a
saw-tooth waveform: quick shut down, slow and ramp up.
When the controller is shut down by the over temperature, it
will wait till the temperature goes below the temperature limit,
120
°C. Usually it takes a few or tens of seconds for the
controller to cool down before it restarts itself, depending on
the thermal mass of the controller and its surrounding
mechanical parts attached thermally, such as the PCB and its
traces, the heat-sinks if any, etc.
When controller is shut down, the voltage reference is also
shut down.
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com