Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 2 Page - Supertex, Inc

  LR12 Datasheet HTML 1Page - Supertex, Inc LR12 Datasheet HTML 2Page - Supertex, Inc LR12 Datasheet HTML 3Page - Supertex, Inc LR12 Datasheet HTML 4Page - Supertex, Inc LR12 Datasheet HTML 5Page - Supertex, Inc LR12 Datasheet HTML 6Page - Supertex, Inc LR12 Datasheet HTML 7Page - Supertex, Inc LR12 Datasheet HTML 8Page - Supertex, Inc LR12 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
LR12
A081605
Package Options
SO-8
TO-2521
TO-92
LR12LG
LR12K4
LR12N3
LR12LG-G
LR12K4-G
LR12N3-G
Ordering Information
Absolute Maximum Ratings
VIN-ADJ
-0.5V to +120V
VOUT-ADJ
-10V to +10V
VIN – VOUT
-0.5V to +120V
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
Pin Configurations
VIN
ADJ
VOUT
TO-252
(D-PAK)
SO-8
1
2
3
4
8
7
6
5
ADJ
NC
NC
VIN
VOUT
VOUT
VOUT
VOUT
Electrical Characteristics
Test conditions unless otherwise specified: -40°C < T
A < 85°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN - VOUT
Input to Output Voltage Difference
12
98.8
V
VOUT
Overall Output Voltage Regulation
1.14
1.20
1.26
V
13.2V<VIN<100V, R1 = 2.4K
Ω, R2 = 0
∆VOUT
Line Regulation
0.003
0.03
%/V
15V<VIN<100V, VOUT = 5V, IOUT = 0.5mA
∆VOUT
Load Regulation
1.4
3.0
%
VIN = 15V, VOUT = 5V, 0.5mA<IOUT<50mA
∆VOUT
Temperature Regulation
-1
+1
%
VIN = 15V, VOUT = 5V, IOUT = 10mA,
-40°C<TA<85°C
IOUT
Output Current Limit
50
100
mA
TJ < 85°C, VIN - VOUT = 12V
IOUT
Output Current Limit
0.5
mA
TJ > 125°C, VIN - VOUT = 100V
IOUT
Minimum Output Current
0.5
mA
Includes R1 and load current
IADJ
Adjust Output Current
5
10
15
µA
C2
Minimum Output Load Capacitance
100
nF
DVOUT/DVIN
Ripple Rejection Ratio
50
60
dB
120Hz, VOUT = 5V
TLIMIT
Junction Temperature Limit
125
°C
TO-92
Notes:
1. TO-252 supplied on 2000 piece carrier tape reels only
-G indicates package is RoHS compliant “Green”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com