Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 5 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 5 Page - Supertex, Inc

  LR12 Datasheet HTML 1Page - Supertex, Inc LR12 Datasheet HTML 2Page - Supertex, Inc LR12 Datasheet HTML 3Page - Supertex, Inc LR12 Datasheet HTML 4Page - Supertex, Inc LR12 Datasheet HTML 5Page - Supertex, Inc LR12 Datasheet HTML 6Page - Supertex, Inc LR12 Datasheet HTML 7Page - Supertex, Inc LR12 Datasheet HTML 8Page - Supertex, Inc LR12 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
LR12
A081605
Typical Performance Curves
LR12
13.2V
ADJ
V
IN
2.4KΩ
100nF
V
OUT
=1.2V
T(junction) (
oC)
Temperature Variation
-50
-25
0
25
50
75
100
125
1.00
1.05
1.10
1.15
1.20
1.25
1.30
LR12
ADJ
V
IN
6.04KΩ
±1%
18.2KΩ
±1%
100nF
RLOAD
V
OUT
= 5.0V
25V
IOUT
IOUT (mA)
Load Regulation
0
5
10
15
20
25
30
35
40
45
50
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com