Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 1 Page - Supertex, Inc

  LR12 Datasheet HTML 1Page - Supertex, Inc LR12 Datasheet HTML 2Page - Supertex, Inc LR12 Datasheet HTML 3Page - Supertex, Inc LR12 Datasheet HTML 4Page - Supertex, Inc LR12 Datasheet HTML 5Page - Supertex, Inc LR12 Datasheet HTML 6Page - Supertex, Inc LR12 Datasheet HTML 7Page - Supertex, Inc LR12 Datasheet HTML 8Page - Supertex, Inc LR12 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
LR12
A081605
High Input Voltage
Adjustable 3-Terminal Linear Regulator
Features
❏ 13.2V to 100V Input Voltage Range
❏ Stable with 100nF output capacitor
❏ Adjustable 1.20V to 88V output regulation
❏ 5% reference voltage tolerance
❏ Output current limiting, 50mA min.
❏ 10µA typical ADJ current
❏ Over temperature protection
❏ Available in 3 different packages
Applications
❏ DC/DC SMPS startup circuits
❏ Adjustable high voltage constant current sources
❏ Industrial Controls
❏ Motor Controls
❏ Battery Powered Systems
❏ Power Supplies
❏ Telecom Applications
❏ LED Drivers
❏ Automotive Applications
General Description
The Supertex LR12 is a high voltage, low output current, adjustable
linear regulator. It has a wide operating input voltage range of
13.2V to 100V. The output voltage can be adjusted from 1.20V to
88V provided that the input voltage is at least 12V greater than the
output voltage. The output voltage can be adjusted by means of
two external resistors R1 and R2 as shown in the typical application
circuits. The LR12 regulates the voltage difference between VOUT
and ADJ pins to a nominal value of 1.20V. The 1.20V is amplified
by the external resistor ratio R1 and R2. An internal constant bias
current of typically 10µA is connected to the ADJ pin. This
increases VOUT by a constant voltage of 10µA times R2.
The LR12 has current limiting and temperature limiting. The
output current limit is 100mA maximum and the minimum
temperature limit is 125°C. An output short circuit current will
therefore be limited to 100mA maximum. When the junction
temperature reaches its temperature limit, the output current and/
or output voltage will decrease to keep the junction temperature
from exceeding its temperature limit. For SMPS start-up circuit
applications, the LR12 turns off when an external voltage greater
than the output voltage of the LR12 is applied to VOUT of the LR12.
To maintain stability, a bypass capacitor of 100nF or larger and a
minimum DC output current of 500µA are required.
The device is available in TO-92, SO-8, and TO-252 (D-PAK)
packages.
LR12 Typical Application
VIN
V
OUT
ADJ
V
IN
*
*Required for conditions where VIN is less than VOUT.
R1
R2
C2
C1
RLOAD
VOUT
1.2V to 88V
13.2V to
100V
LR12
LR12
A081605


Similar Part No. - LR12

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LR12 LIGHTGRAPHIX-LR12 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
29 April 2026
LR12-LT1400 LIGHTGRAPHIX-LR12-LT1400 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
29 April 2026
LR12-LT2000 LIGHTGRAPHIX-LR12-LT2000 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
29 April 2026
LR12-LT500 LIGHTGRAPHIX-LR12-LT500 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
29 April 2026
LR12-LT900 LIGHTGRAPHIX-LR12-LT900 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
29 April 2026
More results

Similar Description - LR12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
Supertex, Inc
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
High Input Voltage Adjustable 3-Terminal Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com