Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 4 Page - Supertex, Inc

  LR12 Datasheet HTML 1Page - Supertex, Inc LR12 Datasheet HTML 2Page - Supertex, Inc LR12 Datasheet HTML 3Page - Supertex, Inc LR12 Datasheet HTML 4Page - Supertex, Inc LR12 Datasheet HTML 5Page - Supertex, Inc LR12 Datasheet HTML 6Page - Supertex, Inc LR12 Datasheet HTML 7Page - Supertex, Inc LR12 Datasheet HTML 8Page - Supertex, Inc LR12 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
LR12
A081605
Typical Application Circuits
LR12
VIN = 15V
to 100V
VOUT
ADJ
VIN
R
IOUT =
1.20V
R
+
-
100nF
Figure 3: High Voltage Adjustable Constant Current Source
PWM IC
LR12
Vout1
Vout2
+
+
-
-
Vcc
VAuxiliary
VIN=15V to 100V
V
OUT
ADJ
V
IN
FB
Figure 2: SMPS Start-Up Circuit
LR12
VIN=17V to 100V
V
OUT
ADJ
V
IN
*
R1
6.04KΩ
±1%
R2
18.2KΩ
±1%
C2
100nF
C1
V
OUT =5.0V
V
OUT = 1.20V 1+
R2
R1
+ IADJ R2
Figure 1: High Input Voltage, 5.0V Output Linear Regulator
* Required for conditions where VIN is less than VOUT.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com