Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8384ASVZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8384ASVZ
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384ASVZ Datasheet(HTML) 4 Page - Analog Devices

  AD8384ASVZ Datasheet HTML 1Page - Analog Devices AD8384ASVZ Datasheet HTML 2Page - Analog Devices AD8384ASVZ Datasheet HTML 3Page - Analog Devices AD8384ASVZ Datasheet HTML 4Page - Analog Devices AD8384ASVZ Datasheet HTML 5Page - Analog Devices AD8384ASVZ Datasheet HTML 6Page - Analog Devices AD8384ASVZ Datasheet HTML 7Page - Analog Devices AD8384ASVZ Datasheet HTML 8Page - Analog Devices AD8384ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8384
Rev. 0 | Page 4 of 24
DecDriver (continued)
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INPUT CHARACTERISTICS
Max. Input Data Update Rate
100
Ms/s
CLK to Data Setup Time: t1
0
ns
CLK to STSQ Setup Time: t3
0
ns
CLK to XFR Setup Time: t5
0
ns
CLK to Data Hold Time: t2
3
ns
CLK to STSQ Hold Time: t4
3
ns
CLK to XFR Hold Time: t6
3
ns
CLK High Time: t7
3
ns
CLK Low Time: t8
2.5
ns
CIN
3
pF
IIH
0.05
µA
IIL
–0.6
µA
VIH
2
V
VIL
0.8
V
VTH
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com