Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8384ASVZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8384ASVZ
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384ASVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8384ASVZ Datasheet HTML 2Page - Analog Devices AD8384ASVZ Datasheet HTML 3Page - Analog Devices AD8384ASVZ Datasheet HTML 4Page - Analog Devices AD8384ASVZ Datasheet HTML 5Page - Analog Devices AD8384ASVZ Datasheet HTML 6Page - Analog Devices AD8384ASVZ Datasheet HTML 7Page - Analog Devices AD8384ASVZ Datasheet HTML 8Page - Analog Devices AD8384ASVZ Datasheet HTML 9Page - Analog Devices AD8384ASVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8384
Rev. 0 | Page 6 of 24
SERIAL INTERFACE
Table 4. @ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, SVRL = 4 V, SVRH = 9 V, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
SERIAL DAC REFERENCE INPUTS
SVFS = (SVRH – SVRL)
SVRH Range
SVRL < SVRH
SVRL + 1
AVCC – 3.5
V
SVRL Range
SVRL < SVRH
AGND + 1.5
SVRH – 1
V
SVFS Range
1
8
V
SVRH Input Current
SVFS = 5 V
–70
nA
SVRL Input Current
SVFS = 5 V
–2.8
–2.5
mA
SVRH Input Resistance
40
kΩ
SERIAL DAC ACCURACY
DNL
SVFS = 5 V, RL = ∞
–1.0
+1.0
LSB
INL
SVFS=5 V, RL = ∞
–1.5
+1.5
LSB
Output Offset Error
–2.0
+2.0
LSB
Scale Factor Error
–4.0
+4.0
LSB
SERIAL DAC LOGIC INPUTS
CIN
3
pF
IIL
–0.6
µA
IIH
0.05
µA
VTH
1.65
V
VIH
2.0
DVCC
V
VIL
DGND
0.8
V
SERIAL DAC OUTPUTS
Maximum Output Voltage
SVRH – 1 LSB
V
Minimum Output Voltage
SVRL
V
VAO1—Grounded Mode
0.1
V
IOUT
±30
mA
CLOAD Low Range6
0.002
µF
CLOAD High Range1
0.047
µF
SERIAL DAC DYNAMIC PERFORMANCE
SEN to SCL Setup Time, t20
10
ns
SCL, High Level Pulse Width, t21
15
ns
SCL, Low Level Pulse Width, t22
10
ns
SDI Setup Time, t24
10
ns
SDI Hold Time, t25
10
ns
SCL to SEN Hold Time, t23
15
ns
VAO1, VAO2 Settling Time, t26
SVFS = 5 V, to 0.5%, CL = 100 pF
1
2
µs
VAO1, VAO2 Settling Time, t26
SVFS = 5 V, to 0.5%, CL = 33 µF
10
15
ms
6 Outputs VAO1 and VAO2 are designed to drive very high capacitive loads. The load capacitance must be
≤ 0.002 µF or ≥0.047 µF.
Load capacitance in the range 0.002 µF to 0.047 µF causes the output overshoot to exceed 100 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com