Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8384ASVZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8384ASVZ
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384ASVZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8384ASVZ Datasheet HTML 14Page - Analog Devices AD8384ASVZ Datasheet HTML 15Page - Analog Devices AD8384ASVZ Datasheet HTML 16Page - Analog Devices AD8384ASVZ Datasheet HTML 17Page - Analog Devices AD8384ASVZ Datasheet HTML 18Page - Analog Devices AD8384ASVZ Datasheet HTML 19Page - Analog Devices AD8384ASVZ Datasheet HTML 20Page - Analog Devices AD8384ASVZ Datasheet HTML 21Page - Analog Devices AD8384ASVZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8384
Rev. 0 | Page 18 of 24
VBIAS GENERATION—V1, V2 INPUT PIN
FUNCTIONALITY
In order to avoid image flicker, a symmetrical ac voltage is
required and a bias voltage of approximately 1 V minimum
must be maintained across the pixels of HTPS LCDs. The
AD8384 provides two methods of maintaining this bias voltage.
Internal Bias Voltage Generation
Standard systems that internally generate the bias voltage
reserve the upper-most code range for the bias voltage, and use
the remaining code range to encode the video for gamma
correction. In these systems, a high degree of ac symmetry is
guaranteed by the AD8384.
The V1 and V2 inputs in these systems are tied together and are
normally connected to VCOM, as shown in Figure 17.
VBIAS = 1V
VCOM
VFS = 5V
VFS = 5V
RESERVED
CODE
RANGE
VBIAS = 1V
V2
V1
VCOM
AD8384
1023
820
Figure 17. V1, V2 Connection and Transfer Function
in a Typical Standard System
External Bias Voltage Generation
In systems that require improved brightness resolution and
higher accuracy, the V1 and V2 inputs, connected to external
voltage references, provide the necessary bias voltage (VBIAS)
while allowing the full code range to be used for gamma
correction.
To ensure a symmetrical ac voltage at the outputs of the
AD8384, VBIAS must remain constant for both states of INV.
Therefore, V1 and V2 are defined as
V1 = VCOM – VBIAS
V2 = VCOM + VBIAS
APPLICATIONS CIRCUIT
The circuit in Figure 18 ensures VBIAS symmetry to within
1 mV with a minimum component count. Bypass capacitors are
not shown for clarity.
Note from the curve in Figure 20 that the AD8132 (Figure 18)
typically produces a symmetrical output at 85°C when its
supply, (V+) – (V–), is at 7.2 V.
AVCC = 15.5V
VZ = 5.1V
DVCC = 3.3V
VCOM = 7V
R1 = 6k
Ω
R2 = 1k
Ω
V2 = 8V
V1 = 6V
V2
V1
AD8384
AD8132
6
3
2
1
8
V–
V+
VCOM
–IN
+IN
5
4
Figure 18. External VBIAS Generator with the AD8132
VBIAS = 1V
VCOM
V2
V1
VFS = 4V
VFS = 4V
VBIAS = 1V
1023
Figure 19. AD8384 Transfer Function in a Typical High Accuracy System
5.7
6.2
6.7
7.2
7.7
8.2
8.7
9.2
9.7
10.2
10.7
–8.75
–6.25
–3.75
1.25
3.75
6.25
7.50
8.75
–1.25
–7.50
–5.00
0.00
2.50
5.00
–2.50
[V+] – [V–] (V)
TA = 85°C
TA = 25°C
Figure 20. Typical Asymmetry at the Outputs of the AD8132 vs. Its Power
Supply for the Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com