Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8384ASVZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8384ASVZ
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384ASVZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8384ASVZ Datasheet HTML 12Page - Analog Devices AD8384ASVZ Datasheet HTML 13Page - Analog Devices AD8384ASVZ Datasheet HTML 14Page - Analog Devices AD8384ASVZ Datasheet HTML 15Page - Analog Devices AD8384ASVZ Datasheet HTML 16Page - Analog Devices AD8384ASVZ Datasheet HTML 17Page - Analog Devices AD8384ASVZ Datasheet HTML 18Page - Analog Devices AD8384ASVZ Datasheet HTML 19Page - Analog Devices AD8384ASVZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8384
Rev. 0 | Page 16 of 24
ACCURACY
To best correlate transfer function errors to image artifacts, the
overall accuracy of the DecDriver is defined by two parameters:
VDE and VCME.
VDE, the differential error voltage, measures the difference
between the rms value of the output and the rms value of the
ideal. The defining expression is
VFS
n
1
V
n
VOUTP
2
V
n
VOUTN
n
VDE
×
⎟
⎠
⎞
⎜
⎝
⎛
=
1023
–
1
–
2
]
–
)
(
[
–
]
–
)
(
[
)
(
VCME, the common-mode error voltage, measures ½ the dc
bias of the output. The defining expression is
()
⎥
⎦
⎤
⎢
⎣
⎡
+
+
=
2
1
2
–
2
)
(
)
(
2
1
)
(
V
V
n
VOUTP
n
VOUTN
n
VCME
TSTM CONTROL—TEST MODE
A LOW on this input allows serial interface control of the
output operating mode. A HIGH on this input forces the video
outputs and VAO1 to normal operating mode.
GROUNDED OUTPUT MODE
In normal operating mode, the voltage of the video outputs and
VAO1 are determined by the inputs.
In Grounded Output mode, the video outputs and VAO1 are
forced to AGND.
OVERLOAD PROTECTION
The overload protection employs current limiters and a thermal
switch, protecting the video output pins against accidental
shorts between any video output pin and AVCC or AGND.
The junction temperature trip point of the thermal switch is
165°C. Production test guarantees a minimum junction
temperature trip point of 125°C. Consequently, the operating
junction temperature should not be allowed to rise above 125°C.
For systems that operate at high internal ambient temperatures
and require large capacitive loads to be driven by the AD8384 at
high frequencies, a minimum airflow of 200 lfm should be
maintained to ensure junction temperatures below 125°C.
3-WIRE SERIAL INTERFACE
The serial interface controls two 8-bit serial DACs, the overload
protection and the video output operating mode via a 12-bit
wide serial word from a microprocessor. Four of the 12-bits
select the function and the remaining eight bits are the data for
the serial DACs.
Table 12. Bit Definitions
Bit
Name
Bit Functionality
SD(0:7)
8-Bit SDAC Data. MSB = SD7.
SD8
Not Used.
SD9
Not Used.
SD10
Output operating mode and SDAC selection control.
SD11
Output operating mode and SDAC selection control.
Table 13. Truth Table
SD
SEN
11
10
9
8
Action
0
0
X
X
Load VAO2. No change to VAO1. No
change to Grounded mode.
1
0
X
X
Load VAO1. Release outputs from
Grounded mode. No change to AO2.
0
1
X
X
Release Video Outputs and VAO1
from Grounded Output mode. No
change to VAO1 and VAO2 data.
1
1
X
X
Video Outputs and VAO1 to
Grounded Output mode. No change
to VAO1 and VAO2 data.
X
X
X
X
No Change.
SERIAL DACS
Both serial DACs are loaded via the serial interface. The output
voltage is determined by the following equation:
VAO1, VAO2 = SVRL + SD(0:7) × (SVRH – SVRL)/256
Output VAO1 is designed to drive very large capacitive loads
above 0.047 µF. Lower capacitive loads may result in excessive
overshoot at VAO1.
LEVEL SHIFTERS
The characteristics of the level shifters are optimized based on
their intended use.
Seven level shifters—DX, CLX, CLXN, and ENBX(1:4)—are
optimized for “X direction,” and three—DY, CLY, and CLYN—
are optimized for the “Y direction” control signals. One level
shifter, NRG, is designed to drive a large capacitive load and
optimized for an X direction control signal and two, DIRX and
DIRY are optimized for very low frequency control signals.
One level shifting edge detector, MONITI, MONITO, is
optimized to condition a synchronizing feedback reference
signal from the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com