Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments TMS320VC5441 Datasheet HTML 64Page - Texas Instruments TMS320VC5441 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
Functional Overview
52
December 1999 – Revised April 2002
SPRS122E
Table 3–27. Bit Functions for IMR and IFR Registers for Each DSP Subsystem (Continued)
BIT
NO.
FUNCTION
BIT
VALUE
BIT
NAME
3
TINT
0
IFR/IMR: Timer has no interrupt pending/is disabled (masked).
3
TINT
1
IFR/IMR: Timer has an interrupt pending/is enabled.
2
Reserved
X
Register bit is reserved.
1
WDTINT
0
IFR/IMR: Watchdog interrupt has no interrupt pending/is disabled (masked).
1
WDTINT
1
IFR/IMR: Watchdog interrupt has an interrupt pending/is enabled.
0
INT
0
IFR/IMR: Ext user interrupt pin 0 has no interrupt pending/is disabled (masked).
0
INT
1
IFR/IMR: Ext user interrupt pin 0 has an interrupt pending/is enabled.
3.7
IDLE3 Power-Down Mode
The IDLE1 and IDLE2 power-down modes operate as described in the TMS320C54x DSP Reference Set,
Volume 1: CPU and Peripherals (literature number SPRU131). The IDLE3 mode is special in that the clocking
circuitry is shut off to conserve power. The 5441 cannot enter an IDLE3 mode unless all the subsystems
execute an IDLE3 instruction. The power-reduced benefits of IDLE3 cannot be realized until all the
subsystems enter the IDLE3 state and the internal clocks are automatically shut off. The order in which
subsystems enter IDLE3 does not matter.
3.8
Emulating the 5441 Device
The 5441 is a single device, but actually consists of four independent subboundary systems that contain
register/status information used by the emulator tools. Code Composer Studio
 has a setup wizard called
“Code Composer Setup.” The setup wizard prompts the user for the I/O address of the XDSSIO card and the
number of processors in the system. The board.dat file is then created and placed in the correct directory
automatically. The board.dat file contents would look something like this:
“CPU_D” TI320C5xx
“CPU_C” TI320C5xx
“CPU_B” TI320C5xx
“CPU_A” TI320C5xx
The subsystems are serially connected together internally. Emulation information is serially transmitted into
the device using TDI. The device responds with serial scan information transmitted out the TDO pin.
Code Composer Studio is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com