Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 69Page - Texas Instruments TMS320VC5441 Datasheet HTML 70Page - Texas Instruments TMS320VC5441 Datasheet HTML 71Page - Texas Instruments TMS320VC5441 Datasheet HTML 72Page - Texas Instruments TMS320VC5441 Datasheet HTML 73Page - Texas Instruments TMS320VC5441 Datasheet HTML 74Page - Texas Instruments TMS320VC5441 Datasheet HTML 75Page - Texas Instruments TMS320VC5441 Datasheet HTML 76Page - Texas Instruments TMS320VC5441 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Electrical Specifications
64
December 1999 – Revised April 2002
SPRS122E
Table 5–11. McBSP0/1/2 T
ransmit and Receive Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
td(BCKXH-BFXV)
Delay time, x_BCLKX high to internal x_BFSX valid
BCLKX ext
2
15
ns
tdis(BCKXH-BDXHZ)
Disable time, x_BCLKX high to x_BDX high impedance following last data
bit
BCLKX ext
1
18
ns
Delay time, x_BCLKX high to x_BDX valid. This applies to all bits except
the first bit transmitted.
BCLKX ext
4
20
td(BCKXH-BDXV)
Delay time, x_BCLKX high to x_BDX valid.‡
O l
li
fi
bi
i
d
h
i D
D l
1
DXENA = 0
BCLKX ext
16
ns
Only applies to first bit transmitted when in Data Delay 1
or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
BCLKX ext
4H+19
t
Enable time, x_BCLKX high to x_BDX driven.‡
O l
li
fi
bi
i
d
h
i D
D l
1
DXENA = 0
BCLKX ext
2
ns
ten(BCKXH-BDX)
Only applies to first bit transmitted when in Data Delay 1
or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
BCLKX ext
4H+2
ns
t
Delay time, x_BFSX high to x_BDX valid.‡
O l
li
fi
bi
i
d
h
i D
D l
0
DXENA = 0
BFSX ext
17
ns
td(BFXH-BDXV)
Only applies to first bit transmitted when in Data Delay 0
(XDATDLY=00b) mode.
DXENA = 1
BFSX ext
4H+15
ns
t
Enable time, x_BFSX high to x_BDX driven.‡
O l
li
fi
bi
i
d
h
i D
D l
0
DXENA = 0
BFSX ext
1
ns
ten(BFXH-BDX)
Only applies to first bit transmitted when in Data Delay 0
(XDATDLY=00b) mode
DXENA = 1
BFSX ext
4H+5
ns
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ See the TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature number SPRU302) for a description of the DX enable
(DXENA) and data delay features of the McBSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com