Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 18Page - Texas Instruments TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments TMS320VC5441 Datasheet HTML 21Page - Texas Instruments TMS320VC5441 Datasheet HTML 22Page - Texas Instruments TMS320VC5441 Datasheet HTML 23Page - Texas Instruments TMS320VC5441 Datasheet HTML 24Page - Texas Instruments TMS320VC5441 Datasheet HTML 25Page - Texas Instruments TMS320VC5441 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
Functional Overview
13
December 1999 – Revised April 2002
SPRS122E
3
Functional Overview
The functional overview in this section is based on the overall system block diagram in Figure 3–1 and the
typical subsystem block diagram in Figure 3–2.
GPIO
McBSP0
McBSP1
McBSP2
DSP
Subsystem A
DSP ID: 0000
HPI
XA
PLL
Shared P Bus
McBSP2
McBSP1
McBSP0
GPIO
HPI
DSP
Subsystem C
DSP ID: 0010
Shared P Bus
SA1
DSP
Subsystem B
DSP ID: 0001
GPIO
McBSP0
McBSP1
McBSP2
HPI
DSP ID: 0011
Subsystem D
DSP
GPIO
McBSP0
McBSP1
McBSP2
McBSP1
McBSP2
HPI
SA2
Figure 3–1. Overall Functional Block Diagram
P. C. D. E. Busses and Control Signals
TMS320C54x cLEAD
(Core)
64K-Word
Data DARAM
M Bus
32K-Word
Program/Data
DARAM
M Bus
3
× McBSP
Shared P Bus
M Bus
Timer
DMA
WDTimer
GPIO
HPI
DSP Subsystem
HPI Bus
M Bus
64K-Word
Program DARAM
Figure 3–2. Typical Subsystem Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com