Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 12Page - Texas Instruments TMS320VC5441 Datasheet HTML 13Page - Texas Instruments TMS320VC5441 Datasheet HTML 14Page - Texas Instruments TMS320VC5441 Datasheet HTML 15Page - Texas Instruments TMS320VC5441 Datasheet HTML 16Page - Texas Instruments TMS320VC5441 Datasheet HTML 17Page - Texas Instruments TMS320VC5441 Datasheet HTML 18Page - Texas Instruments TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
Introduction
7
December 1999 – Revised April 2002
SPRS122E
2.4
Signal Descriptions
Table 2–3 lists all the signals, grouped by function. See Section 2.3 for the exact pin locations based on the
package type. Pin functions highlighted in gray are secondary (multiplexed) functions.
Table 2–3. Signal Descriptions
NAME
TYPE†
DESCRIPTION
HOST-PORT INTERFACE SIGNALS
HA18 (MSB)
HA17
HA16
HA15
HA14
HA13
HA12
HA11
HA10
HA9
HA8
HA7
HA6
I‡
HPI address pins when HPI is in nonmultiplexed mode. HA18 is used to facilitate program (shared) memory and data
(local) memory selection.
The pins include bus holders to reduce power dissipation caused by floating, unused pins. The bus holders also
eliminate the need for external pullup resistors on unused pins. When the address bus is not being driven by the
external host, the bus holders keep address pins at the last driven logic level. The address bus keepers are disabled
at global reset or subsystem A reset, and can be enabled/disabled via the BHA bit of the BSCR register in subsystem A.
SECONDARY
HA5
HA4
HA3
HA2
D_HINT
C_HINT
B_HINT
A_HINT
O/Z§
HA1
HA0 (LSB)
HCNTL1
HCNTL0
I
HD15 (MSB)
HD14
HD13
HD12
HD11
HD10
HD9
HD8
HD7
HD6
HD5
HD4
HD3
HD2
HD1
HD0 (LSB)
I/O/Z‡§
Parallel bidirectional data bus. These pins are the HPI data bus.
The pins include bus holders to reduce power dissipation caused by floating, unused pins. The bus holders also
eliminate the need for external pullup resistors on unused pins. When the data bus is not being driven by the 5441,
the bus holders keep data pins at the last driven logic level. The data bus keepers are disabled at global reset or
subsystem A reset, and can be enabled/disabled via the BHD bit of the BSCR register in subsystem A.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal bus holder controlled by way of the BSCR register in TMS320C54x
 cLEAD core of DSP subsystem A.
§ This pin is placed in high-impedance when the EMU1/OFF pin operates as OFF and when EMU1/OFF = 0, this case is exclusively for testing
and emulation purposes.
¶ This pin has an internal pullup resistor.
# These pins are Schmitt triggered inputs.
|| This pin is used by Texas Instruments for device testing and should be left unconnected.
kThis pin has an internal pulldown resistor.
NOTE: Pins highlighted in grey indicate the multiplexed function of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com