Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 23Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 24Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 25Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 26Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 27Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 28Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 29Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 30Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
Functional Overview
18
December 1999 – Revised April 2002
SPRS122E
Memory-
Mapped
Registers
00 0000
00 005F
00 0060
00 7FFF
00 8000
00 FFFF
Hex
Data Memory
16K Words
16K Words
16K Words
16K Words
00 3FFF
00 4000
00 BFFF
00 C000
DARAM0
DARAM1
DARAM2
(DMMR=0)
DARAM4
DARAM3
DARAM5
(DMMR=0)
(DMMR=1)
(DMMR=1)
NOTE: The upper part of data memory is controlled by the Data Memory Map Register (DMMR).
1. DMMR=0, DARAM2 and DARAM3 are mapped in 8000h – FFFFh.
2. DMMR=1, DARAM4 and DARAM5 are mapped in 8000h – FFFFh.
Figure 3–7. Detailed Memory Map of Local Data Memory Relative to CPU Subsystems A, B, C, and D
3.1.2 On-Chip Dual-Access RAM (DARAM)
Each 5441 subsystem has 96K 16-bit words of on-chip DARAM (six blocks of 16K words). Each of these
DARAM blocks can be accessed twice per machine cycle. This memory is intended primarily to store data
values; however, it can be used to store program as well. At reset, the DARAM is mapped into data memory
space (OVLY=0). The lower part of DARAM (0000h–8000h) can be mapped into program/data memory space
by setting the OVLY bit in the processor-mode status (PMST) register of the TMS320C54x
 cLEAD CPU in
each DSP subsystem.
3.1.3 On-Chip Two-Way Shared RAM
There are 128K 16-bit words of on-chip RAM (four blocks of 32K words) that are shared between subsystems
A and B. There are 128K 16-bit words of on-chip RAM (four blocks of 32K words) that are shared between
subsystems C and D. This memory is intended to store program only. Both subsystems are able to make one
instruction fetch from any location in the two-way shared memory each cycle simultaneously. No subsystem
CPU can write to the shared memory as only the DMA can write to shared memory.
If any of the CPU program fetches are requested at the same time as an M-bus transfer request, the CPU is
stalled until all M bus transfers are completed. In other words, any read or write requested by the M bus (driven
by DMA controller or HPI) has priority over the CPUs’ (A, B, C, and D) program fetches. The M-bus reads or
writes always take two cycles to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com