Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 38Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 39Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 40Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 41Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 42Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 43Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 44Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 45Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
Functional Overview
33
December 1999 – Revised April 2002
SPRS122E
3.2.4 Hardware Timer
Each 5441 subsystem has one independent software programmable timer. The memory-mapped registers
control the operation of the timer. The timer resolution is the clock rate of the CPU. The timer output shares
the pin with GPIO3 and is controlled by GPIO register bit 15.
The timer supports a 32-bit dynamic range. The timer consists of a programmable 16-bit main counter and
a programmable prescalar. The main counter is driven by the prescalar, which decrements by one at every
CPU clock. Once the prescalar reaches zero, the 16-bit counter decrements by one. When the 16-bit counter
decrements to zero, a maskable interrupt (TINT) is generated and the timer output pin (TOUT) asserts an
active-high pulse (2H – 2 ns, H = 0.5 clock cycle). The timer output pulse is driven on GPIO3 when the TOUT
bit is set to high in the GPIO register. When the timer is configured in continuous mode, the timer counter and
prescalar will be reloaded accordingly after the timer counter exhausts. The timer can be stopped, restarted,
reset, or disabled via the bits of the timer control register.
There are four 16-bit registers associated with the timer.
•
Timer counter register (TIM)
•
Timer period register (PRD)
•
Timer control register (TCR)
•
Timer second control register (TSCR)
3.2.4.1
TIM Register
This register is loaded with the period register (PRD) value and decrements once the PRD value is loaded.
3.2.4.2
PRD Register
This register is used to reload the timer counter register (TIM).
3.2.4.3
TCR Register
This register provides the control and status information. TCR bit fields are shown in Figure 3–21 and
described in Table 3–10.
15
14
13
12
11
10
98
7
6
5
43210
Reserved
SOFT
FREE
PSC
TRB
TSS
TDDR
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3–21. Timer Control Register (TCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com