Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 48Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 49Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 50Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 51Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 52Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 53Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 54Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 55Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Functional Overview
43
December 1999 – Revised April 2002
SPRS122E
15
14
13
12
11
10
987
6
5
4
3210
TOUT
Rsvd
X_BIO
X_XF
GPIO
DIR3
GPIO
DIR2
GPIO
DIR1
GPIO
DIR0
CLK
OUT1
CLK
OUT0
Reserved
GPIO
DAT3
GPIO
DAT2
GPIO
DAT1
GPIO
DAT0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3–27. General-Purpose I/O Control Register
Table 3–19. General-Purpose I/O Control Register Bit Functions
BIT
NO.
BIT
NAME
BIT
VALUE
FUNCTION
15
TOUT
0
Timer output disable. Uses GPIO3 as general-purpose I/O.
15
TOUT
1
Timer output enable. Overrides DIR3. Timer output is driven on GPIO3 and readable in DAT3.
14
Reserved
X
Register bit is reserved. Read 0, write has no effect.
0
Branch control input disable. Uses GPIO1 as general-purpose I/O.
13
X_BIO
1
Branch control input enable. Overrides DIR1. The X_BIO output is driven on GPIO1 and readable in
DAT0.
12
XXF
0
External flag output disable. Uses GPIO0 as general-purpose I/O.
12
X_XF
1
External flag output enable. Overrides DIR0. The X_XF output is driven on GPIO0 and readable in DAT1.
11 8
GPIO
0
GPIOn pin is used as an input.
11–8
GPIO
DIRn†
1
GPIOn pin is used as an output.
7–6
CLKOUT
CLKOUT muxing selection bits.
CLKOUT1[7]
CLKOUT0[6]
A_CLKOUT
0
0
(default)
B_CLKOUT
0
1
C_CLKOUT
1
0
D_CLKOUT
1
1
5–4
Reserved
X
Register bit is reserved. Read 0, write has no effect.
3 0
GPIO
0
GPIOn is driven with a 0 (DIRn = 1). GPIOn is read as 0 (DIRn = 0).
3–0
GPIO
DATn†
1
GPIOn is driven with a 1 (DIRn = 1). GPIOn is read as 1 (DIRn = 0).
† n = 3, 2, 1, or 0
The timer output (TOUT) bit is used to multiplex the output of the timer and GPIO3. The X_XF bit is used to
multiplex the output of the external flag, and the X_BIO bit is used to multiplex the input of the branch control.
The watchdog enable (WDEN) bit in the watchdog timer second control register (WDTSCR) is used to
multiplex the watchdog timer output and GPIO2. All GPIO pins are programmable as an input or output by the
direction bit (GPIODIRn). Data is either driven or read from the data bit field (GPIODATn). GPIODIR3 has no
effect when TOUT = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com