Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 29Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 30Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 31Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 32Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 33Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 34Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 35Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 36Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Functional Overview
24
December 1999 – Revised April 2002
SPRS122E
Table 3–1. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 Receive Event
0010b
McBSP0 Transmit Event
0011b
McBSP2 Receive Event
0100b
McBSP2 Transmit Event
0101b
McBSP1 Receive Event
0110b
McBSP1 Transmit Event
0111b – 1111b
Reserved
3.2.1.5
DMA Channel Interrupt Selection
The DMA controller can generate a CPU interrupt for each of the six channels. However, channels 0, 1, 2,
and 3 are multiplexed with other interrupt sources. DMA channels 0 and 1 share an interrupt line with the
receive and transmit portions of McBSP2 (IMR/IFR bits 6 and 7), and DMA channels 2 and 3 share an interrupt
line with the receive and transmit portions of McBSP1 (IMR/IFR bits 10 and 11). When the 5441 is reset, the
interrupts from these four DMA channels are deselected. The INTSEL bit field in the DMA channel priority and
enable control (DMPREC) register can be used to select these interrupts, as shown in Table 3–2.
Table 3–2. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
BRINT2
BXINT2
BRINT1
BXINT1
01b
BRINT2
BXINT2
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved
3.2.2 16-Bit Bidirectional Host-Port Interface (HPI16)
3.2.2.1
HPI16 Memory Map
The HPI16 is an enhanced 16-bit version of the C54x
 DSP 8-bit host-port interface (HPI). The HPI16 is
designed to allow a 16-bit host to access the DSP on-chip memory, with the host acting as the master of the
interface. Each HPI subsystem memory map is identical to its corresponding DMA memory map except the
HPI memory map does not support accesses to any memory-mapped registers.
Some of the features of the HPI16 include:
•
A 16-bit bidirectional data bus
•
Multiple data strobes and control signals to allow glueless interfacing to a variety of hosts
•
Multiplexed and nonmultiplexed address/data modes
•
A 19-bit address bus used in nonmultiplexed mode to allow access to all on-chip (including extended
address pages) memory
•
A 19-bit address register used in multiplexed mode. Includes address autoincrement feature for faster
accesses to sequential addresses
•
Interface to on-chip DMA module to allow access to entire on-chip memory space
•
HRDY signal to hold off host accesses due to DMA latency
•
Control register available in multiplexed mode only. Accessible by either host or DSP to provide host/DSP
interrupts, extended addressing, and data prefetch capability
•
HPI_SEL1 and HPI_SEL2 pins are used to make selection among the four subsystem HPI modules.
•
Both the HPI data bus and address bus have bus-holder features. The bus holders can be
enabled/disabled by the CPUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com