Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 5Page - STMicroelectronics L6711TR Datasheet HTML 6Page - STMicroelectronics L6711TR Datasheet HTML 7Page - STMicroelectronics L6711TR Datasheet HTML 8Page - STMicroelectronics L6711TR Datasheet HTML 9Page - STMicroelectronics L6711TR Datasheet HTML 10Page - STMicroelectronics L6711TR Datasheet HTML 11Page - STMicroelectronics L6711TR Datasheet HTML 12Page - STMicroelectronics L6711TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
L6711
(*) Since the VIDx pins program the maximum output voltage, according to VRD 10.x specs, the device automatically regulates to a voltage
19mV lower avoiding use of any external component to lower the regulated voltage. This improves the system tolerance performance since
the reference already offset is trimmed during production within ±0.5%.
Table 5. Voltage IDentification (VID) Codes.
VID_SEL = OPEN (VRD 10.x DAC with -19mV auto-offset)
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V) (*)
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V) (*)
0
010
10
0.8185
01
10
10
1.1935
1
010
01
0.8310
11
10
01
1.2060
0
010
01
0.8435
01
10
01
1.2185
1
010
00
0.8560
11
10
00
1.2310
0
010
00
0.8685
01
10
00
1.2435
1
001
11
0.8810
11
01
11
1.2560
0
001
11
0.8935
01
01
11
1.2685
1
001
10
0.9060
11
01
10
1.2810
0
001
10
0.9185
01
01
10
1.2935
1
001
01
0.9310
11
01
01
1.3060
0
001
01
0.9435
01
01
01
1.3185
1
001
00
0.9560
11
01
00
1.3310
0
001
00
0.9685
01
01
00
1.3435
1
000
11
0.9810
11
00
11
1.3560
0
000
11
0.9935
01
00
11
1.3685
1
000
10
1.0060
11
00
10
1.3810
0
000
10
1.0185
01
00
10
1.3935
1
000
01
1.0310
11
00
01
1.4060
0
000
01
1.0435
01
00
01
1.4185
1
000
00
1.0560
11
00
00
1.4310
0
000
00
1.0685
01
00
00
1.4435
1
111
11
OFF
10
11
11
1.4560
0
111
11
OFF
00
11
11
1.4685
1
111
10
1.0810
10
11
10
1.4810
0
111
10
1.0935
00
11
10
1.4935
1
111
01
1.1060
10
11
01
1.5060
0
111
01
1.1185
00
11
01
1.5185
1
111
00
1.1310
10
11
00
1.5310
0
111
00
1.1435
00
11
00
1.5435
1
110
11
1.1560
10
10
11
1.5560
0
110
11
1.1685
00
10
11
1.5685
1
110
10
1.1810
10
10
10
1.5810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com