Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 25Page - STMicroelectronics L6711TR Datasheet HTML 26Page - STMicroelectronics L6711TR Datasheet HTML 27Page - STMicroelectronics L6711TR Datasheet HTML 28Page - STMicroelectronics L6711TR Datasheet HTML 29Page - STMicroelectronics L6711TR Datasheet HTML 30Page - STMicroelectronics L6711TR Datasheet HTML 31Page - STMicroelectronics L6711TR Datasheet HTML 32Page - STMicroelectronics L6711TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29/38
L6711
Figure 21. Controller Power Dissipated (Quiescent + Switching; VCC = VCCDR = VBOOT = 12V)
17 SYSTEM CONTROL LOOP COMPENSATION
The control loop is composed by the Current Sharing control loop and the Average Current Mode control
loop. Each loop gives, with a proper gain, the correction to the PWM in order to minimize the error in its
regulation: the Current Sharing control loop equalize the currents in the inductors while the Average Cur-
rent Mode control loop fixes the output voltage equal to the reference programmed by VID. Figure 22
shows the block diagram of the system control loop.
Figure 22. Main Control Loop Diagram
The average current mode control loop is reported in Figure 23. The current information IFB sourced by
the FB pin flows into RFB implementing the dependence of the output voltage from the read current.
The system can be modeled with an equivalent single phase converter which only difference is the equiv-
alent inductor L/3 (where each phase has an L inductor).The ACM control loop gain results (obtained
opening the loop after the COMP pin):
0
500
1000
1500
2000
2500
3000
100
300
500
700
900
Switching Frequency [kHz] per Phase
QG_HS=24nC
QG_LS=62nC
QG_HS=18nC
QG_LS=47nC
QG_HS=36nC
QG_LS=94nC
QG_HS=48nC
QG_LS=124nC
QG_HS=72nC
QG_LS=196nC
0
500
1000
1500
2000
2500
3000
100
300
500
700
900
Switching Frequency [kHz] per Phase
QG_HS=24nC
QG_LS=62nC
QG_HS=18nC
QG_LS=47nC
QG_HS=36nC
QG_LS=94nC
QG_HS=48nC
QG_LS=124nC
QG_HS=72nC
QG_LS=196nC
RGATE = RGATE_MOSFET = 0
RGATE_HS = 2.2
Ω; RGATE_LS = 3.3Ω; · RGATE_MOSFET = 1Ω
COMP
VID
FB
RFB
4/5
ZF(s)
ERROR AMPLIFIER
PWM3
PWM1
CURRENT
SHARING
DUTY CYCLE
CORRECTION
Co
Ro
L3
L1
PWM2
L2
1/5
1/5
1/5
IINFO1
IINFO2
IINFO3
IFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com