Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 28Page - STMicroelectronics L6711TR Datasheet HTML 29Page - STMicroelectronics L6711TR Datasheet HTML 30Page - STMicroelectronics L6711TR Datasheet HTML 31Page - STMicroelectronics L6711TR Datasheet HTML 32Page - STMicroelectronics L6711TR Datasheet HTML 33Page - STMicroelectronics L6711TR Datasheet HTML 34Page - STMicroelectronics L6711TR Datasheet HTML 35Page - STMicroelectronics L6711TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
L6711
32/38
capacitors are preferred.
Use as much VIAs as possible when power traces have to move between different planes on the PCB:
this reduces both parasitic resistance and inductance. Moreover, reproducing the same high-current trace
on more than one PCB layer will reduce the parasitic resistance associated to that connection.
Connect output bulk capacitor as near as possible to the load, minimizing parasitic inductance and resis-
tance associated to the copper trace also adding extra decoupling capacitors along the way to the load
when this results in being far from the bulk capacitor bank.
Figure 24. Power connections and related connections layout guidelines (same for all phases).
18.2 Power Connections Related.
Figure 24 shows some small signal components placement.
■ Gate and phase traces must be sized according to the driver RMS current delivered to the power
mosfet. The device robustness allows managing applications with the power section far from the
controller without losing performances. Anyway, when possible, it is suggested to minimize the distance
between controller and power section.
In addition, since the PHASEx pin is the return path for the high side driver, this pin might be connected
directly to the High Side mosfet Source pin to have a proper driving for this mosfet. For the LS mosfets,
the return path is the PGNDx pin: it can be connected directly to the power ground plane.
■ Bootstrap capacitor must be placed as close as possible to the BOOTx and PHASEx pins to minimize
the loop that is created.
■ Decoupling capacitor from VCC and SGND placed as close as possible to the involved pins.
■ Decoupling capacitor from VCCDRx and PGNDx placed as close as possible to those pins. This
capacitor sustains the peak currents requested by the low-side mosfet drivers.
■ Sensible components must be referred to SGND (when present): frequency set-up resistor ROSC, offset
resistor ROFFSET, TC resistor RTC and OVP resistor ROVP.
■ Star grounding: Connect SGND to PGND plane in a single point to avoid that drops due to the high
current delivered causes errors in the device behavior.
■ An additional ceramic capacitor is suggested to place near HS mosfet drain. This helps in reducing HF
noise.
■ VSEN pin filtered vs. SGND helps in reducing noise injection into device.
■ OUTEN pin filtered vs. SGND helps in reducing false trip due to coupled noise: take care in routing
driving net for this pin in order to minimize coupled noise.
■ PHASE pin spikes. Since the HS mosfet switches hardly, heavy voltage spikes can be observed on the
PHASEx pins. If these voltage spikes overcome the max breakdown voltage of the pin, the device can
L
CIN
VIN
UGATEx
PHASEx
LGATEx
PGNDx
LOAD
BOOTx
PHASEx
VCC
SGND
+Vcc
L
CIN
VIN
LOAD
To limit C
BOOT
Extra-Charge
a. PCB power and ground planes areas
b. PCB small signal components placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com